Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GSDM80 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GSDM80
Description  128M~2GB miniSD Memory Card
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GSDM80 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GSDM80 Datasheet HTML 1Page - Transcend Information. Inc. TS2GSDM80 Datasheet HTML 2Page - Transcend Information. Inc. TS2GSDM80 Datasheet HTML 3Page - Transcend Information. Inc. TS2GSDM80 Datasheet HTML 4Page - Transcend Information. Inc. TS2GSDM80 Datasheet HTML 5Page - Transcend Information. Inc. TS2GSDM80 Datasheet HTML 6Page - Transcend Information. Inc. TS2GSDM80 Datasheet HTML 7Page - Transcend Information. Inc. TS2GSDM80 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DM
M
M8
8
80
0
0
128M~2GB miniSD Memory Card
Transcend Information Inc.
1
Description
miniSD Card is a compact, slim and high capacity
storage media with copyright protection. Designed in
advanced SD specification Ver.1.1, TS2GSDM80
now reaches a new performance milestone. Based on
0.18um process controller and high quality SLC
(Single-Level-Cell) NAND Flash chip, TS128M~
2GSDM80 can provide high performance ,low power
consumption yet excellent reliability.
Placement
Front
Back
Features
• Storage Capacity: 2GB(2GX8bit,2KB/page )
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Maximum Data Transfer Rate:
Read:12MB/sec,Write:11MB/sec
• Insertion/removal durability: 10,000 cycles
• Fully compatible with SD card spec. v1.1
• Forward compatibility to MultiMediaCard Version 2.11
• Supports Copy Protection for Recorded Media(CPRM) for
music and other commercial media
• Form Factor: 21.5mm x 20mm x 1.4mm
9
1
2
3 10 11
4
5
6
7
8
Pin Definition
Pin
No.
Name
Type
Description
1
CD/DAT3 I/O/PP
3 Card Detect/Data Line [Bit3]
2
CMD
PP
Command/Response
3
VSS1
S
Supply voltage ground
4
VDD
S
Supply voltage
5
CLK
I
Clock
6
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP Data Line [Bit0]
8
DAT1
I/O/PP Data Line [Bit1]
9
DAT2
I/O/PP Data Line [Bit2]
10
NC
4
I/O/PP For Future Use
11
NC
4
I/O/PP For Future Use


Similar Part No. - TS2GSDM80

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GSDM TRANSCEND-TS2GSDM Datasheet
197Kb / 6P
numiniSD Memory Card
More results

Similar Description - TS2GSDM80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
128M x 8 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
128M x 8 Bits NAND Flash Memory
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
SD, MMC & miniSD
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
miniSD Memory Card Connector
logo
Transcend Information. ...
TS4GSDMHC TRANSCEND-TS4GSDMHC Datasheet
528Kb / 27P
4GB High Capacity miniSD Card
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
2Gb x8, x16: NAND Flash Memory
logo
Samsung semiconductor
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
128M x 8 Bit NAND Flash Memory
logo
PHOENIX CONTACT
1043501 PHOENIX-1043501 Datasheet
500Kb / 3P
Program / configuration memory - SD FLASH 2GB PLCNEXT MEMORY
logo
AiT Semiconductor Inc.
A25Q128 AITSEMI-A25Q128 Datasheet
1Mb / 58P
MEMORY SPI NOR FLASH 128M BIT
REV1.0
logo
PHOENIX CONTACT
1081550 PHOENIX-1081550 Datasheet
258Kb / 6P
Program / configuration memory - SD FLASH 2GB IDS
Dec 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com