Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GPF810K Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS2GPF810K
Description  Digital Photo Frame
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF810K Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS2GPF810K Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF810K Datasheet HTML 2Page - Transcend Information. Inc. TS2GPF810K Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F8
8
81
1
10
0
0K
K
K///W
W
W///B
B
B
PF810
Transcend Information Inc.
2
Dimensions
Side
Millimeters
Inches
Width
230.0
± 0.50
9.05
± 0.02
Height
180.0
± 0.50
7.08
± 0.02
Depth
31.0
± 0.50
1.22
± 0.02
Ordering Information
Transcend P/N
Memory Size
Device Description
TS2GPF810K
2GB
PF810 Black with crystal
TS2GPF810W
2GB
PF810 White
TS2GPF810B
2GB
PF810 Black



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com