Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD240 Datasheet(PDF) 2 Page - Clairex Technologies, Inc

Part # CLD240
Description  Silicon PIN Photodiodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLD240 Datasheet(HTML) 2 Page - Clairex Technologies, Inc

  CLD240 Datasheet HTML 1Page - Clairex Technologies, Inc CLD240 Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLD240 Series
Silicon PIN Photodiodes
Clairex
Technologies, Inc.
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage and operating temperature
CLD240 and CLD240W .............................................................-65°C to +150°C
CLD240E....................................................................................-40°C to +125°C
lead soldering temperature
(1).........................................................................260°C
reverse voltage..................................................................................................60V
note:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
CLD240 Series
-
-
10
nA
VR = 20V, Ee = 0
ID
Dark current
-
-
10
nA
VF = 100mV, Ee = 0
CJ
Junction capacitance
-
14
-
pF
VBIAS = 0V, f = 1MHz, Ee = 0
VBR
Breakdown voltage
60
-
-
V
IR = 30µA, Ee = 0
tr, tf
Output rise and fall time
-
15
20
ns
RL = 1KΩ
CLD240
ISC
Short-circuit current
(2)
30
40
-
µA
VBIAS = 0V
θHP
Total angle at half sensitivity points
-
14
-
deg.
CLD240E
ISC
Short-circuit current
(2)
10
13
-
µA
VBIAS = 0V
θHP
Total angle at half sensitivity points
-
80
-
deg.
CLD240W
ISC
Short-circuit current
(2)
10
13
-
µA
VBIAS = 0V
θHP
Total angle at half sensitivity points
-
70
-
deg.
note: 2. Ee = 1mW/cm2, λ = 850nm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com