Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE331 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE331
Description  AlGaAs Point Source IRED Collimating Lens
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE331 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE331 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE331
AlGaAs Point Source IRED
Collimating Lens
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
ANODE
CATHODE
0.050 (1.27) nom
Case 4
Clairex
Technologies, Inc.
July, 2001
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• 850nm wavelength
• 50MHz operation
• TO-46 hermetic package
• ± 5° beam angle
• collimating lens
• RoHS compliant
description
The CLE331 is an advanced, high
efficiency, high speed, point source,
AlGaAs infrared-emitting diode
intended for use in applications
requiring a uniform output radiation
pattern. The point source die junction
is 0.002" in diameter, and the dual
aspheric lens provides a highly
collimated radiation source. Beam
pattern is very uniform without the
bond wire shadow effect of standard
infrared emitting diodes.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current
(2) ........................................................................ 100mA
peak forward current (1.0ms pulse width, 10% duty cycle).................................. 1A
reverse voltage .................................................................................................... 5V
continuous power dissipation
(3).................................................................... 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 0.80mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.6mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible
d
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
2.0
3.0
-
mW
IF = 100mA
Ee
Irradiance
(4)
300
-
-
µW/cm2
IF = 100mA
λP
Peak emission wavelength
-
850
-
nm
IF = 100mA
IR
Reverse current
-
-
10
µA
VR = 3.0V
VF
Forward voltage
-
-
2.2
V
IF = 100mA
θHP
Emission angle at half power points
-
10
-
deg.
IF = 100mA
tr, tf
Output rise and fall time
-
5.0
10
ns
IF = 100mA
notes: 4. Power/unit area measured within a 0.444” (1.128cm) diameter area, centered on the mechanical axis of the
device and spaced 2.54” (6.45cm) from lens side of the tab. This is geometrically equivalent to a 10° cone.
Revised 3/15/06


Similar Part No. - CLE331

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
More results

Similar Description - CLE331

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4088P MARKTECH-MTE4088P Datasheet
60Kb / 2P
Point Source LED
MTPS4088W MARKTECH-MTPS4088W Datasheet
61Kb / 2P
Point Source LED
logo
DB Lectro Inc
BTP-QF1-20 DBLECTRO-BTP-QF1-20 Datasheet
127Kb / 1P
BriLux Collimating Lens
logo
P-tec Corporation
PL0087_CL P-TEC-PL0087_CL Datasheet
60Kb / 1P
1W High Power LED with Collimating Lens
logo
Clairex Technologies, I...
CFE320A CLAIREX-CFE320A Datasheet
109Kb / 1P
Fiber Optic AlGaAs IRED
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
logo
Marktech Corporate
MTPS8085N MARKTECH-MTPS8085N Datasheet
80Kb / 1P
Point Source LED
MTPS9067WC MARKTECH-MTPS9067WC Datasheet
576Kb / 1P
Point Source LED
logo
Hamamatsu Corporation
J10919 HAMAMATSU-J10919_15 Datasheet
256Kb / 2P
FAC LENS (Fast-Axis Collimating Lens)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com