Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE331E Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE331E
Description  Aluminum Gallium Arsenide IRED Point source Die
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE331E Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE331E Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE331E
Aluminum Gallium Arsenide IRED
Point source Die
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output(4)
-
1.5
-
mW
IF = 100mA
VF
Forward voltage
-
-
2.2
V
IF = 100mA
IR
Reverse current
-
-
10
µA
VR = 3V
λP
Peak emission wavelength
-
850
-
nm
IF = 100mA
BW
Spectral bandwidth at half power points
-
60
-
nm
IF = 100mA
ΘHP
Emission angle at half power points
-
100
-
deg.
IF = 100mA
tr, tf
Radiation rise and fall time
-
5.0
-
ns
IF = 100mA, f = 1kHz, D.C.= 50%
note:
4. Other ranges of power output and test conditions can be specified. Call Clairex for applications assistance.
Clairex
Technologies, Inc.
December, 1998
®
1.00 (25.4) min.
0.019 (0.48)
0.016 (0.41)
0.147 (3.73)
0.137 (3.48)
0.010 (0.25) nom
0.213 (5.41)
0.207 (5.26)
0.130 (3.30) max
0.100 (2.54) pin circle
0.050 (1.27) max
CATHODE
ANODE
0.169 (4.29)
0.163 (4.14)
Case 6
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES)
features
• high power output
• 850nm wavelength
• > 10MHz operation
• TO-46 epoxy-dome lens
• wide beam angle
• uniform output radiation pattern
• 0.002" dia. point source junction
description
The CLE331E is an advanced, high
efficiency, high speed, point source,
AlGaAs infrared-emitting diode
intended for applications requiring a
uniform output radiation pattern. The
point source die junction is typically
0.002" dia. and provides a uniform
radiation pattern without the usual
bond wire shadow effect.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -40°C to +125°C
operating temperature ................................................................... -40°C to +100°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current
(2) ........................................................................ 100mA
peak forward current (1.0ms pulse width, 10% duty cycle).................................. 1A
reverse voltage .................................................................................................... 5V
continuous power dissipation
(3).................................................................... 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 1.07mA/°C from 25°C free air temperature to TA = +100°C.
3.
Derate linearly 2.13mW/°C from 25°C free air temperature to TA = +100°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Ø2,54 (0.10)
Ø5,41 (0.213)
Ø5,26 (0.207)
3,73 (0.147)
3,48 (0.137)
Ø0,48 (0.189)
Ø0,41 (0.161)
0,25 NOM (0.010)
25,4 MIN (1.0)
0,7± 0,1 (0.028±0.004)
Ø4,29 (0.169)
Ø4,14 (0.163)
1,8 ± 0,15
(0.071± 0.006)
Revised 3/15/06


Similar Part No. - CLE331E

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
AlGaAs Point Source IRED Collimating Lens
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
More results

Similar Description - CLE331E

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE100F CLAIREX-CLE100F Datasheet
103Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
CLE234E CLAIREX-CLE234E Datasheet
103Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE234W CLAIREX-CLE234W Datasheet
107Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE250 CLAIREX-CLE250 Datasheet
113Kb / 1P
Aluminum Gallium Arsenide IRED Miniature Hermetic Sealed Package
CLE300F CLAIREX-CLE300F Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Flat Lead PLCC Package
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
CLE334E CLAIREX-CLE334E Datasheet
105Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad Chip IRED Array
CLE334W CLAIREX-CLE334W Datasheet
106Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE367 CLAIREX-CLE367 Datasheet
98Kb / 1P
High Power Aluminum Gallium Arsenide IRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com