Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE331W Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE331W
Description  Aluminum Gallium Arsenide IRED Point Source Die
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE331W Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE331W Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE331W
Aluminum Gallium Arsenide IRED
Point Source Die
Clairex
Technologies, Inc.
February, 2006
features
• 850nm wavelength
• 50MHz operation
• TO-46 hermetic package
• RoHS compliant
•
Flat window can
description
The CLE331W is an advanced, high
efficiency, high speed, point source,
AlGaAs infrared-emitting diode
intended for applications requiring a
uniform output radiation pattern.
The point source die junction is
typically 0.002" in diameter.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current
(2) ........................................................................ 100mA
peak forward current (1.0ms pulse width, 10% duty cycle) .................................. 1A
reverse voltage .................................................................................................... 5V
continuous power dissipation
(3).................................................................... 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 0.80mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.6mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible
d
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
-
3.0
-
mW
IF = 100mA
Ee
Irradiance
(4)
30
-
-
µW/cm2
IF = 100mA
λP
Peak emission wavelength
-
850
-
nm
IF = 100mA
IR
Reverse current
-
-
10
µA
VR = 3.0V
VF
Forward voltage
-
-
2.2
V
IF = 100mA
θHP
Emission angle at half power points
-
70
-
deg.
IF = 100mA
tr, tf
Output rise and fall time
-
5.0
10
ns
IF = 100mA
notes: 4. Power/unit area measured within a 0.444” (1.128cm) diameter area, centered on the mechanical axis of the
device and spaced 2.54” (6.45cm) from lens side of the tab. This is geometrically equivalent to a 10° cone.
0.147 (3.73)
0.137 (3.48)
CATHODE
ANODE
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.176 (4.47)
0.100 (2.54) dia.
0.165 (4.19)
0.145 (3.68)
0.025 (0.64) max.
0.019 (0.48)
0.016 (0.41)
1.00 (25.4) min.
0.010 (0.25) max
0.136 (3.45)
0.156 (3.96)
Case 3
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/15/06


Similar Part No. - CLE331W

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
AlGaAs Point Source IRED Collimating Lens
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
More results

Similar Description - CLE331W

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE100F CLAIREX-CLE100F Datasheet
103Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
CLE234E CLAIREX-CLE234E Datasheet
103Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE234W CLAIREX-CLE234W Datasheet
107Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE250 CLAIREX-CLE250 Datasheet
113Kb / 1P
Aluminum Gallium Arsenide IRED Miniature Hermetic Sealed Package
CLE300F CLAIREX-CLE300F Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Flat Lead PLCC Package
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE334E CLAIREX-CLE334E Datasheet
105Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad Chip IRED Array
CLE334W CLAIREX-CLE334W Datasheet
106Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE367 CLAIREX-CLE367 Datasheet
98Kb / 1P
High Power Aluminum Gallium Arsenide IRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com