Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE332 Datasheet(PDF) 2 Page - Clairex Technologies, Inc

Part # CLE332
Description  850nm Point Source Emitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE332 Datasheet(HTML) 2 Page - Clairex Technologies, Inc

  CLE332 Datasheet HTML 1Page - Clairex Technologies, Inc CLE332 Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE332 Series
850nm Point Source Emitters
Clairex
Technologies, Inc.
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
features
• TO-46 header with three lens options
• cathode connected to case
• high power output
• different package styles provide
flexible design options
description
The CLE332 series of products feature
AlGaAs, 850nm, point source chips.
Three different lens options are offered
which satisfy the majority of application
requirements. Contact Clairex for other
package options.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature
CLE332 and CLE332W..............................................................-65°C to +150°C
CLE332E....................................................................................-40°C to +125°C
operating temperature
CLE332 and CLE332W ..............................................................-65°C to +125°C
CLE332E....................................................................................-40°C to +100°C
lead soldering temperature
(1)......................................................................... 260°C
continuous forward current
(2) ..........................................................................50mA
peak forward current (1.0ms pulse width, 10% duty cycle)..................................1A
reverse voltage....................................................................................................5V
continuous power dissipation
(3) ...................................................................200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 0.40mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
4.
These devices are sensitive to transients. Use series resistors or power
supply load resistors when applying power.
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
CLE332 Series
VF
Forward voltage
-
1.8
2.0
V
IF = 50mA
IR
Reverse current
-
-
10
µA
VR = 5V
λp
Peak wavelength
840
850
860
nm
IF = 50mA
BW
Spectral bandwidth
-
40
-
nm
IF = 50mA
tr, tf
Output rise and fall time
-
10
-
ns
IF = 50mA, 10% - 90%
5mA prebias
CLE332
PO
Total output power
1.5
2.0
-
mW
IF = 50mA
Ee
Irradiance
225
-
-
µW/cm
2
IF = 50mA
θHP
Emission angle at half power points
-
15
-
deg.
IF = 50mA
CLE332E
PO
Total output power
3.5
4.5
-
mW
IF = 50mA
θHP
Emission angle at half power points
-
135
-
deg.
IF = 50mA
CLE332W
PO
Total output power
1.5
2.0
-
mW
IF = 50mA
θHP
Emission angle at half power points
-
80
-
deg.
IF = 50mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com