Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE333 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE333
Description  850nm Point Source Emitter Collimated Radiation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE333 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE333 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE333
850nm Point Source Emitter
Collimated Radiation
features
•
< ± 1° beam angle
•
TO-46 hermetic package
•
anode connected to case
•
high power output
•
RoHS compliant
description
The CLE333 contains a N side up,
AlGaAs, 850nm, point source die.
A special lens provides a sharply
focused beam pattern capable of
projecting a spot, 3” (76mm) in
diameter on a surface 10 feet (3.05m)
away. Designed primarily for the
encoder industry, the CLE333 has wide
application anywhere a very narrow
beam pattern is required.
NOTE: 5. Ee is a measure of irradiance (power/unit area) within a 0.444" (1.128cm) diameter area, centered on the
mechanical axis of the device and spaced 2.54" (6.45cm) from the lens side of the tab. This is geometrically
equivalent to a 10° cone.
Clairex
Technologies, Inc.
May, 2005
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ..........................................................................260°C
continuous forward current
(2) ........................................................................ 100mA
peak forward current (1.0ms pulse width, 10% duty cycle).................................. 1A
reverse voltage .................................................................................................... 5V
continuous power dissipation
(3).................................................................... 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 0.80mA/°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C free air temperature to TA = +125°C.
4.
This device is sensitive to transients. Use series resistor or power supply
load resistor when applying power.
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
-
3.0
-
mW
IF = 100mA
Ee
Irradiance
(5)
0.35
0.45
-
mW/cm
2
IF = 50mA
λP
Peak emission wavelength
830
850
870
nm
IF = 50mA
IR
Reverse current
-
-
10
µA
VR = 5V
VF
Forward voltage
-
1.8
2.2
V
IF = 100mA
θHP
Emission angle at half power points
-
2.0
-
deg.
IF = 50mA
tr, tf
Radiation rise and fall time
-
5.0
6.0
ns
IF = 50mA, 10% - 90%,
5mA prebias
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 4/27/06


Similar Part No. - CLE333

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE330E CLAIREX-CLE330E Datasheet
152Kb / 3P
850nm Super Efficient AlGaAs IREDs
CLE330W CLAIREX-CLE330W Datasheet
152Kb / 3P
850nm Super Efficient AlGaAs IREDs
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
AlGaAs Point Source IRED Collimating Lens
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
More results

Similar Description - CLE333

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS4088WG MARKTECH-MTPS4088WG Datasheet
108Kb / 2P
Point Source Emitter
logo
Clairex Technologies, I...
CLE332 CLAIREX-CLE332 Datasheet
125Kb / 2P
850nm Point Source Emitters
logo
Marktech Corporate
MTPS3085MC MARKTECH-MTPS3085MC Datasheet
904Kb / 4P
Infrared Point Source Emitter
MTPS3085MC MARKTECH-MTPS3085MC_15 Datasheet
904Kb / 4P
Infrared Point Source Emitter
MTPS3085MT MARKTECH-MTPS3085MT_15 Datasheet
921Kb / 4P
Infrared Point Source Emitter
MTPS3085P MARKTECH-MTPS3085P_15 Datasheet
728Kb / 3P
Infrared Point Source Emitter
MTPS3085WS MARKTECH-MTPS3085WS_15 Datasheet
810Kb / 3P
Infrared Point Source Emitter
MTPS8085CP MARKTECH-MTPS8085CP_15 Datasheet
925Kb / 4P
Infrared Point Source Emitter
MTPS8085MT MARKTECH-MTPS8085MT_15 Datasheet
917Kb / 4P
Infrared Point Source Emitter
MTPS8085PT MARKTECH-MTPS8085PT_15 Datasheet
683Kb / 3P
Infrared Point Source Emitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com