Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE367 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE367
Description  High Power Aluminum Gallium Arsenide IRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE367 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE367 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway.
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE367
High Power Aluminum Gallium Arsenide IRED
Clairex
Technologies, Inc.
April, 2004
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• narrow emission angle
• T-1¾ (5mm) plastic package
• excellent heat dissipation
• high power output
• fast response
description
The CLE367 is a AlGaAs infrared
emitting diode mounted in a T-1¾
(5mm) water-clear plastic package.
The CLE367 features high power
output, fast response and a peak
wavelength of 850nm. For
additional information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature .......................................................................-40°C to +125°C
operating temperature.....................................................................-40°C to +100°C
lead soldering temperature
(1) ..........................................................................260°C
continuous forward current
(2) .........................................................................100mA
peak forward current (1.0ms pulse width, 10% duty cycle) ...................................1A
reverse voltage .....................................................................................................5V
continuous power dissipation
(3) .....................................................................170mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 1.06mA/°C from 25°C free air temperature to TA = +100°C.
3.
Derate linearly 1.81mW/°C from 25°C free air temperature to TA = +100°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
20
40
-
mW
IF = 100mA
Ee
Irradiance
(4)
-
0.9
-
mW/cm
2
IF = 20mA
VF
Forward voltage
-
1.45
1.9
V
IF = 100mA
IR
Reverse current
-
-
10
µA
VR = 5.0V
λP
Peak emission wavelength
-
850
-
nm
IF = 20mA
BW
Spectral bandwidth at half power points
-
30
-
nm
IF = 20mA
ΘHP
Emission angle at half power points
-
24
-
deg.
IF = 20mA
tr
Output rise time
-
20
-
ns
IF(PK) = 100mA
(5)
tf
Output fall time
-
40
-
ns
IF(PK) = 100mA
(5)
notes:
4. Ee is a measure of irradiance (power/unit area) within a 0.444" (1.128cm) diameter area, centered on the
mechanical axis of the device and spaced 2.54" (6.45cm) from the lens side of the tab. This is geometrically
equivalent to a 10° cone.
5. f = 1kHz, D.C. = 50%.
0.040 (1.02)
0.06 (1.5) max.
0.020 (0.50) sq. nom.
All dimensions are in inches (mm).
ANODE
CATHODE
0.310 (7.87)
0.290 (7.37)
0.23 (5.9)
0.100 (2.54) nom.
1.0 (25.4) min.
0.20 (5.05)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/15/06


Similar Part No. - CLE367

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE300F CLAIREX-CLE300F Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Flat Lead PLCC Package
logo
IXYS Corporation
CLE30E1200PB IXYS-CLE30E1200PB Datasheet
96Kb / 4P
SemiFast Single Thyristor
logo
List of Unclassifed Man...
CLE310F ETC1-CLE310F Datasheet
102Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
Clairex Technologies, I...
CLE310F CLAIREX-CLE310F Datasheet
106Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
More results

Similar Description - CLE367

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE230 CLAIREX-CLE230 Datasheet
115Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
CLE230W CLAIREX-CLE230W Datasheet
114Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
CLE234E CLAIREX-CLE234E Datasheet
103Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE250 CLAIREX-CLE250 Datasheet
113Kb / 1P
Aluminum Gallium Arsenide IRED Miniature Hermetic Sealed Package
CLE300F CLAIREX-CLE300F Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Flat Lead PLCC Package
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
CLE334E CLAIREX-CLE334E Datasheet
105Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad Chip IRED Array
CLE334W CLAIREX-CLE334W Datasheet
106Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com