Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4GSDHC150 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS4GSDHC150
Description  4GB 150X High Capacity Secure Digital Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC150 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS4GSDHC150 Datasheet HTML 1Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 2Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC150 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4GB 150X High Capacity Secure Digital Card
Transcend Information Inc.
1
Description
TS4GSDHC150 is a 4GB Secure Digital Card of
150X ultra-high performance. It is specifically
designed to meet the security, capacity, performance
and small form factor requirements in newly
emerging audio and video consumer electronic
devices. Based on dual channel technology and high
quality SLC (Single Level Cell) NAND flash chip,
TS4GSDHC150 is the ideal companion to bring out
the most from your high-performance electronic
devices.
Placement
Front
Back
Features
•
RoHS compliant product.
•
Card Lid material: PC (comply with UL94,Flame
Class:HB)
•
Operating Voltage: 2.7 ~ 3.6V
•
Operating Temperature: -25 ~ 85°C
•
Durability: 10,000 insertion/removal cycles
•
Compatible with SD Specification Ver. 2.0
•
Comply with SD File System Specification Ver. 2.0
•
Mechanical Write Protection Switch
•
Supports Speed Class Specification up to Class 6
•
Supports Copy Protection for Recorded Media (CPRM)
for SD-Audio
•
Support SD command class 0,2,4,5,7,8
•
Form Factor: 24mm x 32mm x 2.1mm
Pin Definition
SD Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
CD/DAT I/O/PP3 Card Detect/Data Line [Bit3]
CS
I
Chip Select (neg true)
2
CMD
PP
Command/Response
DI
I
Data In
3
VSS1
S
Supply voltage ground
VSS
S
Supply voltage ground
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS2
S
Supply voltage ground
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP Data Line [Bit0]
DO
O/PP Data Out
8
DAT1
I/O/PP Data Line [Bit1]
RSV
9
DAT2
I/O/PP Data Line [Bit2]
RSV


Similar Part No. - TS4GSDHC150

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
4~16GB High Capacity Secure Digital Card
More results

Similar Description - TS4GSDHC150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
Secure Digital Card
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
2GB 150x Secure Digital Card
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
4~32GB High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
8GB 150X High Capacity Secure Digital Card
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
Secure Digital Card
TS4GSDMHC TRANSCEND-TS4GSDMHC Datasheet
528Kb / 27P
4GB High Capacity miniSD Card
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
4~16GB High Capacity Secure Digital Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com