Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL136 Datasheet(PDF) 3 Page - Clairex Technologies, Inc

Part # CLL136
Description  Photo-IC Sensors Digital Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLL136 Datasheet(HTML) 3 Page - Clairex Technologies, Inc

  CLL136 Datasheet HTML 1Page - Clairex Technologies, Inc CLL136 Datasheet HTML 2Page - Clairex Technologies, Inc CLL136 Datasheet HTML 3Page - Clairex Technologies, Inc CLL136 Datasheet HTML 4Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLL Series
Photo-IC Sensors
Digital Output
Absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ........................................................................................................ -65°C to +150°C
operating temperature ..................................................................................................... -65°C to +125°C
lead soldering temperature
(1)............................................................................................................260°C
VCC supply voltage...................................................................................................................4.5V to 18V
VADJ (CLL130-CLL133 and CLL130W-CLL133W only) ......................................................................... 3V
VOUT (10kΩ pull-up series)
(2) ................................................................................................................ 18V
VOUT (open collector series)
(2).............................................................................................................. 30V
ISINK
(3) ................................................................................................................................................ 25mA
continuous power dissipation
(4) ..................................................................................................... 250mW
NOTES:
1. 1/16” from the case for 5 seconds maximum.
2. This rating applies when the output is in the OFF state only.
3. This rating applies when the output is in the ON state only.
4. Derate linearly 2.0mW/°C from 25°C free air to TA = 125°C.
5. CLL130-CLL133 and CLL130W-CLL133W photo-IC sensors are tested with the ADJ lead open.
6. Light source is an AlGaAs IRED with peak wavelength at 850nm.
DEFINITIONS:
• Ee (+) is the minimum irradiance required to cause the output to change state.
• Buffer: Output is HIGH when input irradiance is >Ee (+).
• Inverter: Output is LOW when input irradiance is >Ee (+).
electrical characteristics (TA = 25°C unless otherwise noted)
parameter
symbol
min
typ
max
units
test conditions
Operating supply voltage
VCC
4.5
-
18
V
Positive going threshold
irradiance
(6)
Ee (+)
0.005
0.025
-
-
0.05
0.25
mW/cm2
mW/cm2
4.5V ≤ VCC ≤ 18V, ADJ open,
All non-suffix W parts.
All suffix W parts.
Hysteresis ratio
EeT (+)
EeT (-)
1.1
-
1.8
operate point/release point
Supply current
ICC
-
-
12
mA
4.5V ≤ VCC ≤ 18V, Ee = 0
or 0.5mW, ADJ open
Total acceptance angle
ΘP
-
-
30
70
-
-
deg.
deg.
All non-suffix W parts
All suffix W parts
Gain threshold can be adjusted on the CLL130-CLL133 and CLL130W-CLL133W series by
placing a resistor between the ADJ and GND leads in accordance with the following table.
Decreasing the resistance causes the output to switch at a higher threshold level.
ADJ Resistor
Normalized Threshold
open
1.00
10k
2.00
4.7k
2.75
2.2k
3.75
1k
5.00
Connected to GND
7.25
Clairex
Technologies, Inc.
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com