Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLR131 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLR131
Description  NPN Silicon Photodarlingtons
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLR131 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLR131 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLR130,CLR131,CLR132
NPN Silicon Photodarlingtons
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IL
CLR130
Light current
(1)
CLR131
CLR132
0.5
2.0
4.0
-
-
-
-
-
-
mA
mA
mA
VCE=5V, Ee=0.06mW/cm
2
ICEO
Collector dark current
-
-
100
nA
VCE=10V, Ee=0
V(BR)CEO
Collector-emitter breakdown
15
-
-
V
IC=100µA
tr
Output time
-
100
-
µs
VCE=5V, RL=100Ω.
tf
Output fall time
-
150
-
µs
VCE=5V, RL=100Ω.
θHP
Total angle at half sensitivity points
-
40
-
deg.
note: 1. Radiation source for all light current testing is a 940nm IRED.
Clairex
Technologies, Inc.
April, 2002
features
• high sensitivity
• ± 20° acceptance angle
• custom aspheric lensed TO-18
• transistor base is bonded
• usable throughout visible and near
infrared spectrum
• RoHS compliant
description
The CLR130-CLR132 series are
NPN silicon photodarlingtons
mounted in TO-18 packages.
Photodarlingtons allow high
sensitivity at low irradiance levels. A
custom double convex glass-to-metal
sealed aspheric lens provides a
narrow acceptance angle for
excellent on-axis coupling. These
devices are mechanically
and spectrally matched to the
CLE130-CLE133 series IREDs. For
additional information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ....................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
collector-emitter voltage..................................................................................... 15V
continuous collector current............................................................................ 50mA
continuous power dissipation
(2).................................................................... 250mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 2.0mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.210 (5.33)
0.019 (0.48)
0.016 (0.41)
0.158 (4.01)
0.136 (3.45)
EMITTER
BASE
COLLECTOR
0.500 (12.7) min
0.100 (2.54) dia
0.190 (4.83)
0.176 (4.47)
max
0.025 (0.64)
max
0.060 (1.52)
Case 17
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
CLR130, CLR131, and CLR132 are exact
replacements for obsolete part numbers
CLR2169, CLR2170 and CLR2180.
Revised 3/16/06


Similar Part No. - CLR131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLR131 ETC2-CLR131 Datasheet
121Kb / 1P
NPN Silicon Photodarlingtons
logo
Clairex Technologies, I...
CLR131 CLAIREX-CLR131 Datasheet
126Kb / 1P
NPN Silicon Photodarlingtons
CLR131 CLAIREX-CLR131 Datasheet
126Kb / 1P
NPN Silicon Photodarlingtons
CLR131W CLAIREX-CLR131W Datasheet
123Kb / 1P
NPN Silicon Photodarlingtons
CLR131W CLAIREX-CLR131W Datasheet
123Kb / 1P
NPN Silicon Photodarlingtons
More results

Similar Description - CLR131

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT3904 LRC-MMBT3904 Datasheet
265Kb / 6P
NPN SILICON
logo
List of Unclassifed Man...
OP300 ETC1-OP300 Datasheet
88Kb / 2P
NPN Silicon Photodarlingtons
CLR130 ETC2-CLR130 Datasheet
121Kb / 1P
NPN Silicon Photodarlingtons
logo
Clairex Technologies, I...
CLR130 CLAIREX-CLR130 Datasheet
126Kb / 1P
NPN Silicon Photodarlingtons
CLR130W CLAIREX-CLR130W Datasheet
123Kb / 1P
NPN Silicon Photodarlingtons
CLR131 CLAIREX-CLR131 Datasheet
126Kb / 1P
NPN Silicon Photodarlingtons
CLR132W CLAIREX-CLR132W Datasheet
123Kb / 1P
NPN Silicon Photodarlingtons
logo
KODENSHI_AUK CORP.
PT23G KODENSHI-PT23G Datasheet
144Kb / 3P
PHOTODARLINGTONS
PT304R2L KODENSHI-PT304R2L Datasheet
144Kb / 3P
PHOTODARLINGTONS
logo
Micro Commercial Compon...
S9018-G MCC-S9018-G Datasheet
222Kb / 2P
NPN Silicon NPN Silicon
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com