Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT133 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLT133
Description  NPN Silicon Phototransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLT133 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLT133 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLT130,CLT131,CLT132,CLT133
NPN Silicon Phototransistors
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IL
Light current(3)
CLT130
CLT131
CLT132
CLT133
0.60
1.2
2.4
4.0
-
-
-
-
-
-
-
-
mA
mA
mA
mA
VCE=5V, Ee=1.5mW/cm
2
VCE=5V, Ee=1.5mW/cm
2
VCE=5V, Ee=1.5mW/cm
2
VCE=5V, Ee=1.5mW/cm
2
ICEO
Collector dark current
-
-
25
nA
VCE=10V, Ee=0
V(BR)CEO
Collector-emitter breakdown
30
-
-
V
IC=100µA
tr, tf
Output rise and fall time
-
5.0
-
µs
IC =1mA, VCE=5V, RL=1kΩ.
θHP
Total angle at half sensitivity points
-
18
-
deg.
note: 3. Radiation source for all light current testing is a 940nm IRED.
Clairex
Technologies, Inc.
July, 2001
features
• high sensitivity
• ± 9° acceptance angle
• custom aspheric lensed TO-18
package
• transistor base is bonded
• usable throughout visible and near
infrared spectrum
• RoHS compliant
description
The CLT130-CLT133 series are NPN
silicon phototransistors mounted in
TO-18 packages which feature
custom double convex glass-to-metal
sealed aspheric lenses. Narrow
acceptance angle enables excellent
on-axis coupling. These devices are
mechanically and spectrally matched
to the CLE130-CLE133 series of
IREDs. For additional information,
call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature .........................................................................-65°C to +150°C
operating temperature .....................................................................-65°C to +125°C
lead soldering temperature
(1) ...........................................................................260°C
collector-emitter voltage...................................................................................... 30V
continuous collector current............................................................................. 50mA
continuous power dissipation
(2)......................................................................250mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 2.0mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.210 (5.33)
0.019 (0.48)
0.016 (0.41)
0.158 (4.01)
0.136 (3.45)
EMITTER
BASE
COLLECTOR
0.500 (12.7) min
0.100 (2.54) dia
0.190 (4.83)
0.176 (4.47)
max
0.025 (0.64)
max
0.060 (1.52)
Case 17
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
CLT130, CLT131, CLT132 and CLT133 are
exact replacements for obsolete part numbers
CLT2130, CLT2140, CLT2150 and CLT2160.
Revised 3/22/06


Similar Part No. - CLT133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLT133 ETC1-CLT133 Datasheet
104Kb / 1P
NPN Silicon Phototransistors
More results

Similar Description - CLT133

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNA1401LF PANASONIC-PNA1401LF Datasheet
50Kb / 3P
Silicon NPN Phototransistors
logo
OPTEK Technologies
OP600 OPTEK-OP600 Datasheet
90Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP550A OPTEK-OP550A Datasheet
340Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP555 OPTEK-OP555 Datasheet
222Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP509 OPTEK-OP509 Datasheet
83Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP800 OPTEK-OP800 Datasheet
92Kb / 2P
NPN Silicon Phototransistors
logo
List of Unclassifed Man...
CLT130W ETC2-CLT130W Datasheet
120Kb / 1P
NPN Silicon Phototransistors
logo
OPTEK Technologies
OP600A OPTEK-OP600A Datasheet
275Kb / 2P
NPN Silicon Phototransistors
logo
Clairex Technologies, I...
CLT130W CLAIREX-CLT130W Datasheet
125Kb / 1P
NPN Silicon Phototransistors
logo
TT Electronics.
OP516A TTELEC-OP516A Datasheet
546Kb / 2P
NPN Silicon Phototransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com