Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT135 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLT135
Description  NPN Silicon Phototransistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLT135 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLT135 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLT135
NPN Silicon Phototransistor
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IL
Light current(3)
1.0
2.5
-
mA
VCE = 5V, Ee = 0.5mW/cm
2
ICEO
Collector dark current
-
-
25
nA
VCE = 10V, Ee = 0
V(BR)CEO
Collector-emitter breakdown
30
-
-
V
IC = 100µA
tr, tf
Output rise and fall time
-
3.0
-
µs
IC = 1.0mA, VCE=5V, RL=100Ω.
θHP
Total angle at half sensitivity points
18
-
deg.
notes: 3. Radiation source is an aluminum gallium arsenide IRED operating at a peak emission wavelength of 940nm
Clairex
Technologies, Inc.
July, 2001
features
• high sensitivity
• ± 9° acceptance angle
• custom aspheric lensed TO-18
package
• transistor base is not bonded
• tested and characterized at 940nm
• usable throughout visible and near
infrared spectrum
• RoHS compliant
description
The CLT135 is an NPN silicon
phototransistor mounted in a TO-18
package which features a custom
double convex glass-to-metal sealed
aspheric lens. Narrow acceptance
angle enables excellent on-axis
coupling. The CLT135 is spectrally
and mechanically matched to the
CLE135 IRED. For additional
information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
collector-emitter voltage..................................................................................... 30V
continuous collector current............................................................................ 50mA
continuous power dissipation
(2).................................................................... 250mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 2.0mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.210 (5.33)
0.019 (0.48)
0.016 (0.41)
0.158 (4.01)
0.136 (3.45)
EMITTER
BASE
COLLECTOR
0.500 (12.7) min
0.100 (2.54) dia
0.190 (4.83)
0.176 (4.47)
max
0.025 (0.64)
max
0.060 (1.52)
Case 17
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/16/06
N/C


Similar Part No. - CLT135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLT130 ETC1-CLT130 Datasheet
104Kb / 1P
NPN Silicon Phototransistors
logo
Clairex Technologies, I...
CLT130 CLAIREX-CLT130 Datasheet
126Kb / 1P
NPN Silicon Phototransistors
logo
List of Unclassifed Man...
CLT130W ETC2-CLT130W Datasheet
120Kb / 1P
NPN Silicon Phototransistors
logo
Clairex Technologies, I...
CLT130W CLAIREX-CLT130W Datasheet
125Kb / 1P
NPN Silicon Phototransistors
logo
List of Unclassifed Man...
CLT131 ETC1-CLT131 Datasheet
104Kb / 1P
NPN Silicon Phototransistors
More results

Similar Description - CLT135

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com