Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT335 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLT335
Description  NPN Silicon Phototransistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLT335 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLT335 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLT335
NPN Silicon Phototransistor
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IL
Light current(3)
1.0
2.5
-
mA
VCE=5V, Ee=0.5mW/cm
2
ICEO
Collector dark current
-
-
25
nA
VCE=10V, Ee=0
V(BR)CEO
Collector-emitter breakdown
30
-
-
V
IC=100µA
tr, tf
Output rise and fall time
-
5.0
-
µs
IC = 1mA, VCE=5V, RL=1kΩ.
θHP
Total angle at half sensitivity points
-
18
-
deg.
notes: 3. Radiation source is an aluminum gallium arsenide IRED operating at a peak emission wavelength of 850nm.
Clairex
Technologies, Inc.
March, 2001
features
• ±9° acceptance angle
• custom aspheric lensed TO-18
package
• transistor base is not bonded
• tested and characterized at 850nm
• RoHS compliant
description
The CLT335 is a silicon NPN
phototransistor mounted in a TO-18
package which features a custom
double convex glass-to-metal
sealed aspheric lens. Narrow
acceptance angle enables excellent
on-axis coupling. The CLT335 is
mechanically and spectrally matched
to Clairex's CLE335 LED. For
additional information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ....................................................................... -65°C to +150°C
operating temperature .................................................................... -65°C to +125°C
lead soldering temperature
(1) .......................................................................... 260°C
collector-emitter voltage...................................................................................... 30V
continuous collector current............................................................................. 50mA
continuous power dissipation
(2)..................................................................... 250mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 2.0mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.210 (5.33)
0.019 (0.48)
0.016 (0.41)
0.158 (4.01)
0.136 (3.45)
EMITTER
BASE
COLLECTOR
0.500 (12.7) min
0.100 (2.54) dia
0.190 (4.83)
0.176 (4.47)
max
0.025 (0.64)
max
0.060 (1.52)
Case 17
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
N/C
Revised 3/16/06


Similar Part No. - CLT335

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLT335 ETC1-CLT335 Datasheet
122Kb / 1P
NPN Silicon Phototransistor
More results

Similar Description - CLT335

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com