Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM44V Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS2GDOM44V
Description  44-Pin IDE Flash Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM44V Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS2GDOM44V Datasheet HTML 1Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 2Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 3Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 4Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 5Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 6Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 7Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 8Page - Transcend Information. Inc. TS2GDOM44V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
44
4
4---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 4
4
4G
G
GB
B
B
Transcend Information Inc.
Ver 1.5
2
Pin Assignments
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
01
RESET
12
HD12
23
IOWB
34
PDIAGB
02
GND
13
HD2
24
GND
35
HA0
03
HD7
14
HD13
25
IORB
36
HA2
04
HD8
15
HD1
26
GND
37
CE1B
05
HD6
16
HD14
27
NC
38
CE2B
06
HD9
17
HD0
28
NC
39
DASPB
07
HD5
18
HD15
29
NC
40
GND
08
HD10
19
GND
30
GND
41
VCC
09
HD4
20
VCC
31
IREQ
42
VCC
10
HD11
21
NC
32 IOIS16B 43
GND
11
HD3
22
GND
33
HA1
44
NC
Pin Layout
Pin Definition
Symbol
Function
HD0 ~ HD15
Data Bus (Bi-directional)
HA0 ~ HA2
Address Bus (Input)
RESET
Device Reset (Input)
IORB
Device I/O Read (Input)
IOWB
Device I/O Write (Input)
IOIS16B
Transfer Type 8/16 bit (Output)
CE1B, CE2B
Chip Select (Input)
PDIAGB
Pass Diagnostic (Bi-directional)
DASPB
Disk Active/Slave Present
(Bi-directional)
IREQ
Interrupt Request (Output)
NC
No Connection
GND
Ground
VCC
Vcc Power Input
Pin1
Pin43
Pin2
Pin44
Bulge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com