Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDC Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS512MSDC
Description  Secure Digital Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDC Datasheet(HTML) 7 Page - Transcend Information. Inc.

  TS512MSDC Datasheet HTML 1Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 2Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 7Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
T
T
TS
S
S5
5
51
1
12
2
2M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DC
C
C
Secure Digital Card
Transcend Information Inc.
7
Reliability and Durability
Temperature
Operation: -25°C / 85°C
Storage: -40°C (168h) / 85°C (500h)
Junction temperature: max. 95°C
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Storage: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
Durability
10.000 mating cycles; test procedure: tbd.
Bending
10N
Torque
0.15N.m or +/-2.5 deg
Drop test
1.5m free fall
UV light exposure
UV: 254nm, 15Ws/cm² according to ISO 7816-1
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities surface smoothness <=
-0.1 mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Minimum moving force of WP witch 40gf (Ensures that the WP switch will not slide while it is inserted to the connector.)
WP Switch cycles
minimum 1000 Cycles(@Slide force 0.4N to 5N)
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com