Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1GSDC Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS1GSDC
Description  Secure Digital Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GSDC Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS1GSDC Datasheet HTML 1Page - Transcend Information. Inc. TS1GSDC Datasheet HTML 2Page - Transcend Information. Inc. TS1GSDC Datasheet HTML 3Page - Transcend Information. Inc. TS1GSDC Datasheet HTML 4Page - Transcend Information. Inc. TS1GSDC Datasheet HTML 5Page - Transcend Information. Inc. TS1GSDC Datasheet HTML 6Page - Transcend Information. Inc. TS1GSDC Datasheet HTML 7Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T
T
TS
S
S5
5
51
1
12
2
2M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DC
C
C
Secure Digital Card
Transcend Information Inc.
1
Description
Secure Digital Card of high capacity but economic
cost. It is specifically designed to meet the security,
capacity and small form factor requirements in newly
emerging audio and video consumer electronic
devices.Transcend Secure Digital Card can lead you
to a colorful digital world.
Placement
Front
Back
Features
• ROHS compliant product
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Insertion/removal durability: 10,000 cycles
• Fully compatible with SD card spec. v1.1
• Mechanical Write Protection Switch
• Forward compatibility to MultiMediaCard Version 2.11
• Supports Copy Protection for Recorded Media(CPRM) for
music and other commercial media
• Form Factor: 24mm x 32mm x 2.1mm
Pin Definition
SD Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
CD/DAT I/O/PP3 Card Detect/Data Line [Bit3]
CS
I
Chip Select (neg true)
2
CMD
PP
Command/Response
DI
I
Data In
3
VSS1
S
Supply voltage ground
VSS
S
Supply voltage ground
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS2
S
Supply voltage ground
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP Data Line [Bit0]
DO
O/PP Data Out
8
DAT1
I/O/PP Data Line [Bit1]
RSV
9
DAT2
I/O/PP Data Line [Bit2]
RSV


Similar Part No. - TS1GSDC

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS1GSD80I TRANSCEND-TS1GSD80I Datasheet
265Kb / 11P
80x Industrial Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
Secure Digital Card
TS1GSDM TRANSCEND-TS1GSDM Datasheet
197Kb / 6P
numiniSD Memory Card
TS1GSDM80 TRANSCEND-TS1GSDM80 Datasheet
211Kb / 8P
128M~2GB miniSD Memory Card
TS1GSDOM22V TRANSCEND-TS1GSDOM22V Datasheet
221Kb / 11P
22P Vertical Type SATA Flash Modules
More results

Similar Description - TS1GSDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS1GSD80I TRANSCEND-TS1GSD80I Datasheet
265Kb / 11P
80x Industrial Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
Secure Digital Card
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
2GB 150x Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
SECURE DIGITAL CARD CONNECTOR
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
Industrial Secure Digital Card
logo
Adam Technologies, Inc.
SD-09-A-SG ADAM-TECH-SD-09-A-SG Datasheet
127Kb / 1P
SECURE DIGITAL
SDP-09A-SG-X ADAM-TECH-SDP-09A-SG-X Datasheet
113Kb / 1P
SECURE DIGITAL SOCKET
logo
AVX Corporation
5638 AVX-5638 Datasheet
172Kb / 4P
Secure Digital Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com