Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1010 Datasheet(PDF) 4 Page - UNISEM

Part # US1010
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1010 Datasheet(HTML) 4 Page - UNISEM

  US1010 Datasheet HTML 1Page - UNISEM US1010 Datasheet HTML 2Page - UNISEM US1010 Datasheet HTML 3Page - UNISEM US1010 Datasheet HTML 4Page - UNISEM US1010 Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US1010
2-4
Rev. 1.3
10/30/00
Output Voltage Setting
The US1010 can be programmed to any voltages in the
range of 1.25V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Figure 2 - Typical application of the US1010
for programming the output voltage.
The US1010 keeps a constant 1.25V between the out-
put pin and the adjust pin. By placing a resistor R1 across
these two pins a constant current flows through R1, add-
ing to the Iadj current and into the R2 resistor producing
a voltage equal to the (1.25/R1)*R2 +
Iadj*R2 which will
be added to the 1.25V to set the output voltage. This is
summarized in the above equation. Since the minimum
load current requirement of the US1010 is 10 mA , R1 is
typically selected to be 121
Ω resistor so that it auto-
matically satisfies the minimum current requirement.
Notice that since Iadj is typically in the range of 50uA it
only adds a small error to the output voltage and should
only be considered when a very precise output voltage
setting is required. For example, in a typical 3.3V appli-
cation where R1=121
Ω and R2=200Ω the error due to
Iadj is only 0.3% of the nominal set point.
Load Regulation
Since the US1010 is only a 3 terminal device , it is not
possible to provide true remote sensing of the output
voltage at the load.Figure 3 shows that the best load
Figure 3 - Schematic showing connection for best load
regulation
Stability
The US1010 requires the use of an output capacitor as
part of the frequency compensation in order to make the
regulator stable. Typical designs for microprocessor ap-
plications use standard electrolytic capacitors with a
typical ESR in the range of 50 to 100 m
Ω and an output
capacitance of 500 to 1000uF. Fortunately as the ca-
pacitance increases, the ESR decreases resulting in a
fixed RC time constant. The US1010 takes advantage of
this phenomena in making the overall regulator loop
stable.For most applications a minimum of 100uF alu-
minum electrolytic capacitor such as Sanyo MVGX se-
ries ,Panasonic FA series as well as the Nichicon PL
series insures both stability and good transient response.
regulation is achieved when the bottom side of R2 is
connected to the load and the top side of R1 resistor is
connected directly to the case or the Vout pin of the
regulator and not to the load. In fact , if R1 is connected
to the load side, the effective resistance between the
regulator and the load is gained up by the factor of (1+R2/
R1) ,or the effective resistance will be ,Rp(eff)=Rp*(1+R2/
R1).It is important to note that for high current applica-
tions, this can represent a significant percentage of the
overall load regulation and one must keep the path from
the regulator to the load as short as possible to mini-
mize this effect.
V
V
R
R
I
R
Where :
V Typically
I
lly
R
in figure
OUT
REF
ADJ
REF
ADJ
=
+


+
×
1
125
50
2
2
1
2
1
2
V
= .
=
uA Typica
& R as shown
Vout
1010app2-1.0
R1
R2
Vin
Vref
IAdj = 50uA
US1010
Adj
Vout
Vin
1010app3-1.0
R1
R2
Vin
RL
Rp
PARASITIC LINE
RESISTANCE
US1010
Adj
Vout
Vin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com