Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDOM7H Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS512MSDOM7H
Description  7P Horizontal Type SATA Flash Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDOM7H Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS512MSDOM7H Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 7Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 8Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 9Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 10Page - Transcend Information. Inc. TS512MSDOM7H Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M7
7
7H
H
H
7P Horizontal Type
SATA Flash Modules
Transcend Information Inc.
V0.1
7
Blo
Blo
Blo
Block Diagram
ck Diagram
ck Diagram
ck Diagram
DC Characteristics
DC Characteristics
DC Characteristics
DC Characteristics
Parameter
Symbol
Min.
Max.
Unit
Remark
Supply Voltage
VCC
2.97
5.5
V
High level output voltage
VOH
VCC – 0.8
V
Low level output voltage
VOL
0.8
V
2.4
V
Non-schmitt trigger
High level input voltage
VIH
2.05
V
Schmitt trigger
1
0.6
V
Non-schmitt trigger
Low level input voltage
VIL
1.25
V
Schmitt trigger
1
Pull up resistance
2
RPU
52.7
141
KOhm
Pull down resistance
RPD
47.5
172
kOhm
IDE
Flash Disk
Controller
Flash Memory
D0 – D7
-CE0 ~ -CE3
-WE…-RE
Flash Memory
D0 – D7
-CE0 ~ -CE3
-WE…-RE
D0 ~ D7
D8 ~ D15
-CE0, -CE1…
-CE0, -CE1…
Data bus
Control
Signal
Others
PATA
to
SATA
Bridge
Data
bus
5V/3.3V
3.3V/1.8V
Voltage
Regulator
Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com