Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503B-RAS Datasheet(PDF) 3 Page - Cree, Inc

Part # C503B-RAS
Description  5-mm Red and Amber Round LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-RAS Datasheet(HTML) 3 Page - Cree, Inc

  C503B-RAS Datasheet HTML 1Page - Cree, Inc C503B-RAS Datasheet HTML 2Page - Cree, Inc C503B-RAS Datasheet HTML 3Page - Cree, Inc C503B-RAS Datasheet HTML 4Page - Cree, Inc C503B-RAS Datasheet HTML 5Page - Cree, Inc C503B-RAS Datasheet HTML 6Page - Cree, Inc C503B-RAS Datasheet HTML 7Page - Cree, Inc C503B-RAS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
C503B-RAS/RAN (15 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
Y0
5860
8200
Z0
8200
12000
A0
12000
16800
B0
16800
23500
Color Bin Limit (I
F = 20 mA)
Red
Bin Code
Min.
(nm)
Max.
(nm)
RA
618
630
Amber
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Tolerance of measurement of luminous intensity is ±15%
Tolerance of measurement of dominant wavelength is ±1 nm
C503B-AAS/AAN (15 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
Y0
5860
8200
Z0
8200
12000
A0
12000
16800
B0
16800
23500
C503B-ABS/ABN (23 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
C503B-RBS/RBN (23 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
C503B-RCS/RCN (30 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
C503B-ACS/ACN (30 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Red
Amber



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com