Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GPF720W Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GPF720W
Description  T.photo??720
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF720W Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GPF720W Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 2Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 3Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 4Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 5Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F7
7
72
2
20
0
0K
K
K(((E
E
EU
U
U)))///W
W
W(((E
E
EU
U
U)))
T.photo™ 720
Transcend Information Inc.
1
Description
TS2GPF720K/W are two Transcend T.photo™ 720
Digital Photo Frames with different color. The device is
designed to access and playback photos, videos and
music from a variety of sources: USB Flash drives,
memory cards, or it’s on-board flash memory.
System Requirements
System requirements for connecting T.photo to a computer:
100~240V voltage power outlet for the DC adaptor.
Desktop or notebook computer with a working USB port.
One of the following Operating Systems:
• Windows 2000
• Windows XP
• Windows Vista™
• Mac OS 10.0 or later
• Linux Kernel 2.4 or later
Features
Bright 7” ultra-sharp widescreen color TFT LCD panel
Built-in stereo speakers and headphone jack
View photos with background music from MP3s or the
radio
Supports USB flash drives and
microSD/SD/SDHC/MMC/MS/M2/CF memory cards
2GB of internal memory – works even without a memory
card
Built-in FM radio with programmable station presets
Full Motion video playback
Automatic rotation sensor for easy Landscape or Portrait
setup
Fully compliant with Hi-Speed USB 2.0 and backwards
compatible with USB 1.1
Direct USB connection to your PC for easy file transfers
Select multiple photos for convenient one-step transfer to
internal memory
Slideshow, thumbnail, still picture, and zoom-in viewing
options
Attractive frame themes to accent your pictures with
Important date/event reminder
Clock, alarm and calendar functions
Automatic Power-ON/OFF and Sleep timers
Custom alarm clock settings - wake up to your favorite
FM radio station or MP3 song
Placement
Dimensions
Side
Millimeters
Inches
Width
197.50
± 0.50
7.77
± 0.02
Height
157.40
± 0.50
6.19
± 0.02
Depth
25.00
± 0.50
0.98
± 0.02


Similar Part No. - TS2GPF720W

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
Digital Photo Frames
TS2GPF730B-J TRANSCEND-TS2GPF730B-J Datasheet
71Kb / 2P
Digital Photo Frames
TS2GPF730K TRANSCEND-TS2GPF730K Datasheet
71Kb / 2P
Digital Photo Frames
TS2GPF730K-J TRANSCEND-TS2GPF730K-J Datasheet
71Kb / 2P
Digital Photo Frames
TS2GPF730W TRANSCEND-TS2GPF730W Datasheet
71Kb / 2P
Digital Photo Frames
More results

Similar Description - TS2GPF720W

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPP28-720 TRIAD-VPP28-720 Datasheet
45Kb / 1P
VPP28-720
logo
CUI INC
CMS-35208N CUI-CMS-35208N Datasheet
1Mb / 4P
720 Hz resonant frequency
logo
Coilcraft lnc.
MA5519 COILCRAFT-MA5519_15 Datasheet
280Kb / 1P
720 W Planar Transformer
logo
Adels-Contact
314006 ADELS-314006 Datasheet
143Kb / 1P
GSK 720 V/ 6
314007 ADELS-314007 Datasheet
111Kb / 1P
GSK 720 V/ 7
314009 ADELS-314009 Datasheet
146Kb / 1P
GSK 720 V/ 9
314011 ADELS-314011 Datasheet
111Kb / 1P
GSK 720 V/11
314014 ADELS-314014 Datasheet
111Kb / 1P
GSK 720 V/14
314402 ADELS-314402 Datasheet
117Kb / 1P
GSK 720 H/ 2
314416 ADELS-314416 Datasheet
111Kb / 1P
GSK 720 H/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com