Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GPF720K/W Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # TS2GPF720K/W
Description  T.photo??720
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF720K/W Datasheet(HTML) 4 Page - Transcend Information. Inc.

  TS2GPF720K/W Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF720K/W Datasheet HTML 2Page - Transcend Information. Inc. TS2GPF720K/W Datasheet HTML 3Page - Transcend Information. Inc. TS2GPF720K/W Datasheet HTML 4Page - Transcend Information. Inc. TS2GPF720K/W Datasheet HTML 5Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F7
7
72
2
20
0
0K
K
K(((E
E
EU
U
U)))///W
W
W(((E
E
EU
U
U)))
T.photo™ 720
Transcend Information Inc.
4
Specifications
Panel:
7” TFT LCD, 800x480 pixels
Speakers:
L / R stereo speakers, 1.5w each
Headphone Jack:
3.5mm, 32 ohm
FM Jack
2.5mm
USB Interface:
1x standard A-Type, 1x mini B-Type
Internal Storage:
2GB NAND Flash
Data Retention:
Up to 10 years
Navigation:
5-way navigation button, 6 menu buttons, volume
control wheel, remote control
Remote Control:
Infrared, NEC protocol
Dimensions:
197.5mm × 157.4mm × 25.0mm
Power Supply:
Input: 100 ~ 240 V 0.3A, Output: 5V DC 2.0A
Picture Formats:
DSC JPEG (up to 8000 x 8000), BMP (800 x 600),
Video Formats:
AVI, MOV, MPG, MP4, 3GP
(Up to 720x576 @ 30FPS)
Motion JPEG (Up to 640x480 @ 30FPS)
Music Formats:
MP3, WMA (Non-DRM), WAV
Supported Music Bit Rates:
32Kbps–320Kbps
FM Frequency Range
World: 87.5 ~ 108.0 MHz
Japan: 76 ~ 90 MHz
Certificates:
CE, FCC, BSMI
Warranty:
Panel: 1-year, (maximum 4 defective pixels)
Device: 2-years



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com