Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKW Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM4B-RKW
Description  PLCC4 1 in 1 SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4B-RKW Datasheet(HTML) 1 Page - Cree, Inc

  CLM4B-RKW Datasheet HTML 1Page - Cree, Inc CLM4B-RKW Datasheet HTML 2Page - Cree, Inc CLM4B-RKW Datasheet HTML 3Page - Cree, Inc CLM4B-RKW Datasheet HTML 4Page - Cree, Inc CLM4B-RKW Datasheet HTML 5Page - Cree, Inc CLM4B-RKW Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
SMD LEDs is packaged in the industry standard package. These LEDs have
high reliability performance and are designed to work under a wide range of
environmental conditions. This high reliability feature makes them ideally
suited to be used under architectural lighting application conditions.
Its wide viewing angle makes these LEDs ideally suited for channel letter,
or architectural lighting applications. The flat top emitting surface makes
it easy for these LEDs to mate with light pipes.
FEATURES
• Size (mm): 3.2 x 2.7
• Color and Typical Dominant Wavelength (nm):
Red (624)
Amber (591)
• Luminous Intensity (mcd)
CLM4B-RKW (1120-2800)
CLM4B-AKW (1120-2800)
• Viewing Angle: 120 degree
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Light Strip
• Channel Letter
• Architectural Lighting
Cree® PLCC4 1 in 1 SMD LED
CLM4B-RKW&AKW
Data Sheet


Similar Part No. - CLM4B-RKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Cree LED
CLM4B-RKW-AKW CREELED-CLM4B-RKW-AKW Datasheet
653Kb / 9P
CLM4B-RKW/AKW: PLCC4 1 IN 1 SMD LED
REV 7
logo
Cree, Inc
CLM4B-RKW-CWAXBAA3 CREE-CLM4B-RKW-CWAXBAA3 Datasheet
439Kb / 8P
1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW-CWaXbAA3 MARKTECH-CLM4B-RKW-CWaXbAA3 Datasheet
439Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM4B-RKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
PLCC4 1-in-1 SMD LED
CLM4BAKB MARKTECH-CLM4BAKB_15 Datasheet
721Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
PLCC4 1-in-1 SMD LED
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com