Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSU160F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSU160F
Description  Panel Circuit Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSU160F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSU160F Datasheet HTML 1Page - Toshiba Semiconductor TLSU160F Datasheet HTML 2Page - Toshiba Semiconductor TLSU160F Datasheet HTML 3Page - Toshiba Semiconductor TLSU160F Datasheet HTML 4Page - Toshiba Semiconductor TLSU160F Datasheet HTML 5Page - Toshiba Semiconductor TLSU160F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLOU160(F),TLSU160(F),TLYU160(F)
2006-01-20
2
Electrical and Optical Characteristics (Ta = 25°C)
Typ.Emission
Wavelength
Luminous
Intensity
IV
Forward
Voltage
VF
Reverse
Current
IR
Product
λp
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLOU160(F)
(612)
15
20
850
2500
20
2.0
2.4
20
50
4
TLSU160(F)
(636)
17
20
850
1600
20
2.0
2.4
20
50
4
TLYU160(F)
(590)
13
20
476
1500
20
2.1
2.5
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precaution
Please be careful of the followings
• Soldering temperature: 260°C max
soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com