Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSM1052 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLSM1052
Description  TOSHIBA LED Lamp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1052 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLSM1052 Datasheet HTML 1Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 2Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 3Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1052(T20)
2009-07-23
3
Optical Characteristics-1-1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ
Max
IF
Corresponding brightness rank
sign (Note 2)
TLRM1052
630
1200
3200
VA/WA/XA
TLRMM1052
630
1300
3200
VA/WA/XA
TLSM1052
1000
1900
5000
20
WA/XA/YA
TLOM1052
1000
2200
5000
WA/XA/YA
TLYM1052
1000
1900
5000
WA/XA/YA
Unit
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Brightness rank
Rank sign
Min
Max
VA
630
1250
WA
1000
2000
XA
1600
3200
YA
2500
5000
Unit
mcd
mcd
Optical Characteristics-2 (Ta = 25°C)
Emission Spectrum
Peak Emission Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ
Max
Typ
Min
Typ
Max
IF
TLRM1052
⎯
644
⎯
14
624
630
638
TLRMM1052
⎯
636
⎯
14
620
626
634
TLSM1052
⎯
623
⎯
14
607
613
621
20
TLOM1052
⎯
612
⎯
14
599
605
613
TLYM1052
⎯
592
⎯
13
583
590
595
Unit
nm
nm
nm
mA
Caution
This product is a product developed as a display source of light usage, and the measurement standard matched to
the sensitivity of human eyes is applied.
Therefore, functional usages (source of light for the sensor and the communication) other than the source of light for
the display is not intended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com