Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMASS12 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CSMASS12
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMASS12 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CSMASS12 Datasheet HTML 1Page - Cystech Electonics Corp. CSMASS12 Datasheet HTML 2Page - Cystech Electonics Corp. CSMASS12 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C338AS
Issued Date : 2004.03.10
Revised Date :
Page No. : 2/2
CSMASS1XAS
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
Lead Temperature (℃)
60Hz, Resistive or
Inductive load
Maximum Non-Repetitive Peak Forward Surge
Current
0
5
10
15
20
25
30
35
1
10
100
Numbers of Cycles at 60Hz
Pulse Width 8.3ms
Single Half Sine Wave,
JEDEC method
Typical Instantaneous Forward Characteristics
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Instantaneous Forward Voltage (V)
SS18-SS1B
SS15-SS16
SS12-SS14
TJ=25℃,
Pulse Width=300μs,
1% Duty Cycle
Typical Reverse Characteristics
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percentage of Rated Peak Reverse Voltage (%)
T J= 125℃
T J= 25℃
TJ=100℃
Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
f=1MHz
TJ=25℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com