Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMC560 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSMC560
Description  5.0Amp. Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMC560 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSMC560 Datasheet HTML 1Page - Cystech Electonics Corp. CSMC560 Datasheet HTML 2Page - Cystech Electonics Corp. CSMC560 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C337SC
Issued Date : 2003.06.02
Revised Date :
Page No. : 1/3
CSMC520-5100SC
CYStek Product Specification
5.0Amp. Surface Mount Schottky Barrier Diodes
CSMC520-5100SC Series
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, SMC/JEDEC DO-214AB.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Mounting Position : Any.
• Weight: 0.195 gram, 0.00585 ounce
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol CSMC
520
CSMC
530
CSMC
540
CSMC
550
CSMC
560
CSMC
580
CSMC
5100
Units
Repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VR
20
30
40
50
60
80
100
V
Maximum instantaneous
forward voltage, IF=5A (Note 1)
VF
0.55
0.55
0.55
0.7
0.7
0.85
0.85
V
Average forward rectified current
IO
5
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
150
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=125℃(Note 1)
IR
0.5
50
mA
mA
Maximum thermal resistance,
Junction to ambient(Note 2)
Rth,JA
55 (typ)
℃
/W
Diode junction capacitance @
f=1MHz and applied 4VDC reverse
voltage
CJ
380(typ)
pF
Storage temperature
Tstg
-55 ~ +150
℃
Operating temperature
TJ
-55 ~ +125
-55 ~ +150
℃
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle
2 .Mounted on PCB with 30mm² (0.013mm thickness) copper pad area.


Similar Part No. - CSMC560

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMC5820 CYSTEKEC-CSMC5820 Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMC5821 CYSTEKEC-CSMC5821 Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMC5822 CYSTEKEC-CSMC5822 Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMC582XSC CYSTEKEC-CSMC582XSC Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSMC560

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK520SB CYSTEKEC-SK520SB Datasheet
209Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SC CYSTEKEC-SK520SC Datasheet
151Kb / 5P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK5150SC CYSTEKEC-SK5150SC Datasheet
213Kb / 4P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SC CYSTEKEC-SK5100SC Datasheet
195Kb / 6P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SB CYSTEKEC-SK5100SB Datasheet
236Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK580SB CYSTEKEC-SK580SB Datasheet
236Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK560SC CYSTEKEC-SK560SC Datasheet
195Kb / 6P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK560SB CYSTEKEC-SK560SB Datasheet
236Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK540SB CYSTEKEC-SK540SB Datasheet
236Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SMB520-5100SB CYSTEKEC-SMB520-5100SB Datasheet
209Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com