Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMC307 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSMC307
Description  3.0Amp. Surface Mount Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMC307 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSMC307 Datasheet HTML 1Page - Cystech Electonics Corp. CSMC307 Datasheet HTML 2Page - Cystech Electonics Corp. CSMC307 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C344SC
Issued Date : 2003.10.29
Revised Date :
Page No. : 1/3
CSMC30XSC
CYStek Product Specification
3.0Amp. Surface Mount Rectifier
CSMC30XSC Series
Features
• For surface mounted applications.
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Glass passivated junction
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, SMC/JEDEC DO-214AB.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Mounting Position : Any.
• Weight: 0.195 gram, 0.00585 ounce
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol CSMC
301
CSMC
302
CSMC
303
CSMC
304
CSMC
305
CSMC
306
CSMC
307
Units
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VR
50
100
200
400
600
800
1000
V
Maximum instantaneous
forward voltage, IF=3A (Note 1)
VF
1.1
V
Average forward rectified current
IO
3
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
100
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=125℃(Note 1)
IR
5
250
µA
µA
Maximum thermal resistance,
Junction to ambient(Note 2)
Rth,JA
47 (typ)
℃
/W
Diode junction capacitance @
f=1MHz and applied 4VDC reverse
voltage
CJ
40(typ)
pF
Storage temperature
Tstg
-55 ~ +150
℃
Operating temperature
TJ
-55 ~ +150
℃
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle
2 .Mounted on PCB with 30mm² (0.013mm thickness) copper pad area.


Similar Part No. - CSMC307

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMC5100 CYSTEKEC-CSMC5100 Datasheet
144Kb / 3P
5.0Amp. Surface Mount Schottky Barrier Diodes
CSMC520 CYSTEKEC-CSMC520 Datasheet
144Kb / 3P
5.0Amp. Surface Mount Schottky Barrier Diodes
CSMC520-5100SC CYSTEKEC-CSMC520-5100SC Datasheet
144Kb / 3P
5.0Amp. Surface Mount Schottky Barrier Diodes
CSMC530 CYSTEKEC-CSMC530 Datasheet
144Kb / 3P
5.0Amp. Surface Mount Schottky Barrier Diodes
CSMC540 CYSTEKEC-CSMC540 Datasheet
144Kb / 3P
5.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSMC307

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
QG301B SECOS-QG301B_15 Datasheet
146Kb / 2P
3.0Amp Surface Mount Silicon Rectifiers
logo
DIYI Electronic Technol...
ER3A DYELEC-ER3A Datasheet
1Mb / 2P
3.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG301YAM SECOS-QG301YAM Datasheet
270Kb / 2P
3.0Amp Surface Mount Silicon Rectifiers
logo
SMC Diode Solutions Co....
HBS302 SMCDIODE-HBS302 Datasheet
569Kb / 5P
Glass Passivated Single-Phase 3.0Amp Surface Mount Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com