Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH30TP Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLRH30TP
Description  TOSHIBA InGaA?밣 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH30TP Datasheet(HTML) 1 Page - Marktech Corporate

  TLRH30TP Datasheet HTML 1Page - Marktech Corporate TLRH30TP Datasheet HTML 2Page - Marktech Corporate TLRH30TP Datasheet HTML 3Page - Marktech Corporate TLRH30TP Datasheet HTML 4Page - Marktech Corporate TLRH30TP Datasheet HTML 5Page - Marktech Corporate TLRH30TP Datasheet HTML 6Page - Marktech Corporate TLRH30TP Datasheet HTML 7Page - Marktech Corporate TLRH30TP Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLRH30TP(F),TLRMH30TP(F),TLSH30TP(F),TLOH30TP(F),TLYH30TP(F)
2006-09-29
1
TOSHIBA InGaAℓP LED
TLRH30TP(F),TLRMH30TP(F),TLSH30TP(F),TLOH30TP(F),TLYH30TP(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 5 mm package
• InGaAℓP technology
• All plastic mold type
• Transparent lens
• Lineup: 3colors (red, orange, yellow)
• High intensity light emission
• Excellent low current light output
• Applications: Traffic signals, Safety equipment, Backlight
• Stopper lead type is also available.
TLRH30T(F) , TLRMH30T(F), TLSH30T(F), TLOH30T(F), TLYH30T(F)
Lineup
Product Name
Color
Material
TLRH30TP(F)
Red
TLRMH30TP(F)
Red
TLSH30TP(F)
Red
TLOH30TP(F)
Orange
TLYH30TP(F)
Yellow
P
InGaAl
Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRH30TP(F)
TLRMH30TP(F)
TLSH30TP(F)
TLOH30TP(F)
TLYH30TP(F)
50
4
120
−40~100
−40~120
Unit: mm
1. ANODE
2. CATHODE
Cathode index
(1.0)
JEDEC
JEITA
TOSHIBA
Weight: 0.29 g
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Similar Part No. - TLRH30TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH30TP TOSHIBA-TLRH30TP Datasheet
250Kb / 9P
Panel Circuit Indicators
TLRH30TPF TOSHIBA-TLRH30TPF Datasheet
250Kb / 9P
Panel Circuit Indicators
TLRH30TP TOSHIBA-TLRH30TP_09 Datasheet
250Kb / 9P
Panel Circuit Indicators
More results

Similar Description - TLRH30TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU114P TOSHIBA-TLOU114P Datasheet
136Kb / 6P
TOSHIBA InGaA?밣 LED
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
TOSHIBA InGaA?밣 LED
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
TOSHIBA InGaA?밣 LED
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
TOSHIBA InGaA?밣 LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com