Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRMH30TP Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLRMH30TP
Description  TOSHIBA InGaA?밣 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRMH30TP Datasheet(HTML) 2 Page - Marktech Corporate

  TLRMH30TP Datasheet HTML 1Page - Marktech Corporate TLRMH30TP Datasheet HTML 2Page - Marktech Corporate TLRMH30TP Datasheet HTML 3Page - Marktech Corporate TLRMH30TP Datasheet HTML 4Page - Marktech Corporate TLRMH30TP Datasheet HTML 5Page - Marktech Corporate TLRMH30TP Datasheet HTML 6Page - Marktech Corporate TLRMH30TP Datasheet HTML 7Page - Marktech Corporate TLRMH30TP Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLRH30TP(F),TLRMH30TP(F),TLSH30TP(F),TLOH30TP(F),TLYH30TP(F)
2006-09-29
2
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRH30TP(F)
630
(644)
13
20
272
680
20
1.9
2.4
20
50
4
TLRMH30TP(F)
626
(636)
13
20
476
950
20
1.9
2.4
20
50
4
TLSH30TP(F)
613
(623)
13
20
476
1300
20
2.0
2.4
20
50
4
TLOH30TP(F)
605
(612)
13
20
476
1600
20
2.0
2.4
20
50
4
TLYH30TP(F)
587
(590)
13
20
476
1350
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com