Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH30TP Datasheet(PDF) 3 Page - Marktech Corporate

Part # TLSH30TP
Description  TOSHIBA InGaA?밣 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSH30TP Datasheet(HTML) 3 Page - Marktech Corporate

  TLSH30TP Datasheet HTML 1Page - Marktech Corporate TLSH30TP Datasheet HTML 2Page - Marktech Corporate TLSH30TP Datasheet HTML 3Page - Marktech Corporate TLSH30TP Datasheet HTML 4Page - Marktech Corporate TLSH30TP Datasheet HTML 5Page - Marktech Corporate TLSH30TP Datasheet HTML 6Page - Marktech Corporate TLSH30TP Datasheet HTML 7Page - Marktech Corporate TLSH30TP Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLRH30TP(F),TLRMH30TP(F),TLSH30TP(F),TLOH30TP(F),TLYH30TP(F)
2006-09-29
3
TLRH30TP(F)
Forward voltage VF (V)
IF – VF
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
Ambient temperature Ta (°C)
IF – Ta
40
0
120
60
0
40
80
20
20
60
80
100
2.0
1.6
2.3
50
30
10
3
1
1.7
2.1
5
100
1.8
1.9
2.2
Ta
= 25°C
IV – IF
10
1
100
10
10000
3
5
30
50
100
Ta
= 25°C
1000
30
50
300
500
3000
5000
Forward current IF (mA)
1.0
0
580
0.8
0.6
0.4
0.2
600
620
640
660
680
700
Radiation pattern
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
50
°
40
°
20
°
10
°
Case temperature Tc (°C)
IV – Tc
0.1
3
1
0.3
0.5
5
10
20
−20
80
0
40
60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com