Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH50TF Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLSH50TF
Description  TOSHIBA InGaA?밣 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSH50TF Datasheet(HTML) 2 Page - Marktech Corporate

  TLSH50TF Datasheet HTML 1Page - Marktech Corporate TLSH50TF Datasheet HTML 2Page - Marktech Corporate TLSH50TF Datasheet HTML 3Page - Marktech Corporate TLSH50TF Datasheet HTML 4Page - Marktech Corporate TLSH50TF Datasheet HTML 5Page - Marktech Corporate TLSH50TF Datasheet HTML 6Page - Marktech Corporate TLSH50TF Datasheet HTML 7Page - Marktech Corporate TLSH50TF Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLRH50T(F),TLSH50T(F),TLOH50T(F),TLYH50T(F)
2006-12-5
2
TOSHIBA InGaAℓP LED
TLRH50T(F),TLSH50T(F),TLOH50T(F),TLYH50T(F)
Panel Circuit Indicators
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 3 mm package
• InGaAℓP technology
• All plastic mold type
• Transparent lens
•
Line-up: 3 colors (red, orange, yellow)
• High intensity light emission
• Excellent low current light output
Lineup
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-3E1A
Weight: 0.14 g
Product Name
Color
Material
TLRH50T(F)
TLSH50T(F)
Red
TLOH50T(F)
Orange
TLYH50T(F)
Yellow
P
InGaAl
Preliminary



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com