Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH62T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLRH62T
Description  TOSHIBA InGaA?밣 LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH62T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLRH62T Datasheet HTML 1Page - Toshiba Semiconductor TLRH62T Datasheet HTML 2Page - Toshiba Semiconductor TLRH62T Datasheet HTML 3Page - Toshiba Semiconductor TLRH62T Datasheet HTML 4Page - Toshiba Semiconductor TLRH62T Datasheet HTML 5Page - Toshiba Semiconductor TLRH62T Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLRH62T(F),TLOH62T(F),TLYH62T(F)
2006-12-5
2
TOSHIBA InGaAℓP LED
TLRH62T(F),TLOH62T(F),TLYH62T(F)
Panel Circuit Indicators
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 3 mm package
• InGaAℓP technology
• All plastic mold type
• Transparent lens
•
Line-up: 3 colors (red, orange, yellow)
• High intensity light emission
• Excellent low current light output
Lineup
Maximum Ratings (Ta = 25°C)
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRH62T(F)
630
(644)
13
20
47.6
180
20
1.9
2.4
20
50
4
TLOH62T(F)
605
(612)
13
20
153
550
20
2.0
2.4
20
50
4
TLYH62T(F)
587
(590)
13
20
153
400
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-3H1
Weight: 0.14 g
Product Name
Color
Material
TLRH62T(F)
Red
TLOH62T(F)
Orange
TLYH62T(F)
Yellow
P
InGaAl
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage Temperature
Tstg (°C)
TLRH62T(F)
50
4
120
TLOH62T(F)
50
4
120
TLYH62T(F)
50
4
120
−40~100
−40~120
Preliminary



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com