Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP43B-RGS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP43B-RGS
Description  P4 LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP43B-RGS Datasheet(HTML) 3 Page - Cree, Inc

  CP43B-RGS Datasheet HTML 1Page - Cree, Inc CP43B-RGS Datasheet HTML 2Page - Cree, Inc CP43B-RGS Datasheet HTML 3Page - Cree, Inc CP43B-RGS Datasheet HTML 4Page - Cree, Inc CP43B-RGS Datasheet HTML 5Page - Cree, Inc CP43B-RGS Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CLD-CT1135.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 70 mA)
• Tolerance of measurement of luminous intensity is ±15%
Color Bin Limit (I
F = 70 mA)
VF Bin Limit (I
F = 70 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
Amber
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
• Tolerance of measurement of VF is ± 0.05V
Amber
Bin Code
Min.(nm)
Max.(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Red
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
Red
Bin Code
Min.(mcd)
Max.(mcd)
V0
2130
3000
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Amber
Bin Code
Min.(mcd)
Max.(mcd)
V0
2130
3000
W0
3000
4180
X0
4180
5860
Y0
5860
8200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com