Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCIDCDF37SA2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCDF37SA2
Description  D TYPE CONNECTORS LOW COST D CONNECTORS - IDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCDF37SA2 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCDF37SA2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
257
OUTLINE DRAWING
D TYPE CONNECTORS LOW COST
D CONNECTORS - IDC
SPECIFICATION
ORDERING INFORMATION
A
B
C
D
E
9 WAY
30.81
25.00
16.30
22.50
12.16
15 WAY
39.14
33.32
24.60
30.80
19.80
25 WAY
53.04
47.04
38.30
44.50
32.50
37 WAY
69.32
63.50
54.80
61.20
47.70
Dimension-mm(Female)
Dimension-mm(Male)
9, 15, 25, or 37 way
Selective Gold Plated Contacts
Metal or Plastic Housing
Current Rating - 5Amps
Complete with Strain Relief
Through Hole or Threaded Insert (4 - 40 UNC)
Low cost
Material:
Insulator:
PBT+30%GlassFibre
UL94V-0
Pin contacts:
PhosphorBronze
GoldPlated
Shell:
Steel,SPCC
NickelandTinPlated
Electrical Data:
Rated Voltage:
350VAC
Rated Current:
5A
Withstand Voltage:
500VAC(rms)
Insulation Resistance:
Over1000MΩ
Contact Resistance:
5MΩat1A
Temperature:
-20°Cto100°C
DBC
IDCD
M
Dubilier
Connectors
Series
IDCD
ContactType
M=Male(plug)
F=Female(socket)
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
Contactplating
S=SelectiveGold
Plating
09
S
MountingStyle
A=ThroughHole
B=Threaded
Insert4-4UNC
A
Colour
1=Black
2=Grey
Colour
P=Plastic
Blank=Metal
1
A
B
C
D
E
9 WAY
30.81
25.00
16.92
22.50
12.16
15 WAY
39.14
33.32
25.25
30.80
19.80
25 WAY
53.04
47.04
38.96
44.50
32.50
37 WAY
69.32
63.50
55.42
61.20
47.70
6.0
D
5.84
E
6.9
10.4
11.1
2.54
A
B
C
2.77(Pitch)
2-ø3.5
8.56
12.60
2.54(Pitch)
0.45±.05
3.4 4.5
6.0
D
5.84
E
6.9
10.4
11.1
2.54
A
B
C
2.77(Pitch)
2-ø3.5
8.56
12.60
2.54(Pitch)
0.45±.05
3.4 4.5
P


Similar Part No. - DBCIDCDF37SA2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
More results

Similar Description - DBCIDCDF37SA2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCCDM09 DUBILIER-DBCCDM09 Datasheet
126Kb / 1P
D TYPE CONNECTORS LOW COST
DBCDGMMSR15G DUBILIER-DBCDGMMSR15G Datasheet
307Kb / 1P
D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
DBCHDFCD26 DUBILIER-DBCHDFCD26 Datasheet
138Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY CRIMP PIN
DBCHDFSB26S DUBILIER-DBCHDFSB26S Datasheet
148Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
DBCDGMMSR15G DUBILIER-DBCDGMMSR15G_11 Datasheet
296Kb / 1P
D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
DBCHDFSB26S DUBILIER-DBCHDFSB26S_11 Datasheet
617Kb / 4P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
logo
List of Unclassifed Man...
8FSM15S-30N4-FEC ETC2-8FSM15S-30N4-FEC Datasheet
153Kb / 2P
Metal D Type IDC Connectors - Unthreaded
logo
Omega Engineering, Inc.
SM-SERIES OMEGA-SM-SERIES Datasheet
351Kb / 2P
Sub-D Type Connectors Low Cost Crimp-Style
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com