Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT240-R-A Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT240-R-A
Description  STANDARD LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT240-R-A Datasheet(HTML) 1 Page - Marktech Corporate

  MT240-R-A Datasheet HTML 1Page - Marktech Corporate MT240-R-A Datasheet HTML 2Page - Marktech Corporate MT240-R-A Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SELECTOR GUIDE
Part Number
Dice
Lens Color / Type
Pack Size
View Angle 2
θ 1/2
MT240-R-A
Red
Red Diffused
3mm Round 40° - 120°
60 °
ELECTRICAL / OPTICAL CHARACTERISTICS AT TA=25°C
Parameter
Symbol
Device
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
Red
-
2.1
3.0
V
IF=20mA
Reverse Current
IR
Red
-
-
100
μA
VR=5V
Luminous Intensity
IV
Red
2.0
3.5
-
mcd
IF=20mA
Peak Wavelength
λpeak
Red
-
700
-
nm
IF=20mA
Dominant Wavelength
λD
Red
-
650
-
nm
IF=20mA
Spectral Line Half-Width
∆λ1/2
Red
-
100
-
nm
IF=20mA
ABSOLUTE MAXIMUM RATINGS AT TA=25°C
Parameter
Rating
Units
Forward Current ( IF )
30
mA
Power Dissipation ( PD )
90
mW
Reverse Voltage ( VR )
5
V
Operating Temperature ( TOPR )
-25 ~ +85
°C
Storage Temperature ( TSTG )
-40 ~ +100
°C
Lead Solder Temperature ( TSOL )
260 °C @ for 5 sec. max
1. All Dimensions Are In Millimeters (inches).
2. Tolerance Is +-0.25(0.01") Unless Otherwise Noted.
3. Specifications Are Subject To Change Without Notice.
Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com
Page 1 of 3
MT240-R-A (Red Diffused) - STANDARD LEDs


Similar Part No. - MT240-R-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT240-G-A MARKTECH-MT240-G-A Datasheet
177Kb / 3P
Standard LEDs
MT240-G-A MARKTECH-MT240-G-A Datasheet
443Kb / 5P
ROUND LED LAMP
MT240-G-A MARKTECH-MT240-G-A_15 Datasheet
443Kb / 5P
ROUND LED LAMP
MT240-HR-A MARKTECH-MT240-HR-A Datasheet
170Kb / 3P
Standard LEDs
MT240-Y-A MARKTECH-MT240-Y-A Datasheet
178Kb / 3P
Standard LEDs
More results

Similar Description - MT240-R-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
125Kb / 3P
Standard LEDs
MT240-G-A MARKTECH-MT240-G-A Datasheet
177Kb / 3P
Standard LEDs
MT240-HR-A MARKTECH-MT240-HR-A Datasheet
170Kb / 3P
Standard LEDs
MT1064S15-UR-A MARKTECH-MT1064S15-UR-A Datasheet
125Kb / 3P
Standard LEDs
MT2030-RG-A MARKTECH-MT2030-RG-A Datasheet
128Kb / 3P
Standard LEDs
MT4093-HR-A MARKTECH-MT4093-HR-A Datasheet
151Kb / 3P
Standard LEDs
MT4093-Y-A MARKTECH-MT4093-Y-A Datasheet
149Kb / 3P
Standard LEDs
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A Datasheet
190Kb / 3P
Standard LEDs
MTB10000-O-A MARKTECH-MTB10000-O-A Datasheet
191Kb / 3P
Standard LEDs
MTLB3150-Y-A MARKTECH-MTLB3150-Y-A Datasheet
184Kb / 3P
Standard LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com