Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2.5MS06 Datasheet(PDF) 1 Page - Lumberg

Part # 2.5MS06
Description  Minimodul??Steckverbinder, Raster 2,5 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2.5MS06 Datasheet(HTML) 1 Page - Lumberg

  2.5MS06 Datasheet HTML 1Page - Lumberg 2.5MS06 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Minimodul™-Stiftleiste
1. Temperaturbereich
-40 °C/+110 °C
2. Werkstoffe
Kontaktträger
PA GF, V0 nach UL 94
Kontaktstift
CuZn, unternickelt und verzinnt
3. Mechanische Daten
Kontaktierung mit
Steckverbindern 2,5 MBX, 3114/3111
Buchsenleisten 2,5 MB..., Kurzschluss-
brücken 2,54 MKB
4. Elektrische Daten
Bemessungsstrom
5 A
Bemessungsspannung
250 V AC
Prüfspannung
2 kV/60 s
Isolationswiderstand
> 1 G
Ω
2,5 MS
www.lumberg.com
11/2009
Minimodul™-Steckverbinder, Raster 2,5 mm
Minimodul™ connectors, pitch 2.5 mm
Connecteurs Minimodul™, pas 2,5 mm


Similar Part No. - 2.5MS06

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MSF LUMBERG-2.5MSF Datasheet
108Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF/O02 LUMBERG-2.5MSF/O02 Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF/O03 LUMBERG-2.5MSF/O03 Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF/O04 LUMBERG-2.5MSF/O04 Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
More results

Similar Description - 2.5MS06

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MB LUMBERG-2.5MB Datasheet
101Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF LUMBERG-2.5MSF Datasheet
108Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFD LUMBERG-2.5MSFD Datasheet
99Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
2.5MSFW-O LUMBERG-2.5MSFW-O Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3111L LUMBERG-3111L Datasheet
127Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
MBSP LUMBERG-MBSP Datasheet
60Kb / 1P
Minimodul??Steckverbinder, Raster 2,5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com