Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17085B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17085B
Description  Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17085B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17085B Datasheet HTML 1Page - Maxim Integrated Products MAX17085B Datasheet HTML 2Page - Maxim Integrated Products MAX17085B Datasheet HTML 3Page - Maxim Integrated Products MAX17085B Datasheet HTML 4Page - Maxim Integrated Products MAX17085B Datasheet HTML 5Page - Maxim Integrated Products MAX17085B Datasheet HTML 6Page - Maxim Integrated Products MAX17085B Datasheet HTML 7Page - Maxim Integrated Products MAX17085B Datasheet HTML 8Page - Maxim Integrated Products MAX17085B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Integrated Charger, Dual Main Step-Down
Controllers, and Dual LDO Regulators
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
TON, DCIN, CSSP, BATT, CSIP to GND,
LX_ to GND ........................................................-0.3V to +28V
CSIP to CSIN, CSSP to CSSN..............................-0.3V to +0.3V
LDO3, LDO5, VCC to GND (Note 2).......................-0.3V to +6V
ISET, VCTL, ACIN, ACOK to GND ..........................-0.3V to +6V
OUT3, OUT5 to GND (Note 2) ................................-0.3V to +6V
ON3, ON5, PGOOD to GND ...................................-0.3V to +6V
ILIM3, ILIM5, SKIP, REF to GND.............. -0.3V to (VCC + 0.3V)
GND to EP............................................................-0.3V to +0.3V
DL_ to EP...............................................-0.3V to (VLDO5 + 0.3V)
BST_ to GND.........................................................-0.3V to +34V
BST_ to LDO5........................................................-0.3V to +28V
DH3 to LX3............................................ -0.3V to (VBST3 + 0.3V)
BST3 to LX3.............................................................-0.3V to +6V
DH5 to LX5............................................ -0.3V to (VBST5 + 0.3V)
BST5 to LX5.............................................................-0.3V to +6V
DHC to LXC...........................................-0.3V to (VBSTC + 0.3V)
PDSL to GND .......................................................-0.3V to + 36V
BSTC to LXC ...........................................................-0.3V to +6V
CELLS, CC, IINP to GND ......................-0.3V to (VLDO5 + 0.3V)
LDO_ Short Circuit to GND ....................................... Momentary
LDO5 Current (Internal Regulator) Continuous............. +100mA
LDO3 Current (Internal Regulator) Continuous............... +50mA
LDO_ Current (Switched Over) Continuous.................. +200mA
Continuous Power Dissipation (TA = +70NC)
40-Pin Thin QFN (derate 34.5mW/NC above +70NC) 2857mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+240NC
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, no load on LDO5, LDO3, OUT5, OUT3, and REF, VCC = 5V, ON3 = ON5 = VCC, VDCIN = VLXC = VCSSP = VCSSN
= 19V, VBSTC - VLXC = 5V, VBATT = VCSIP = VCSIN = 12.6V, VVCTL = VISET = 1.8V, CELLS = open, TA = 0°C to +85°C, unless oth-
erwise noted. Typical values are at TA = +25°C.)
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1: Absolute Maximum Ratings valid using 20MHz bandwidth limit.
Note 2: LDO5 has a weak leakage to VCC when LDO5 is more than 0.5V above VCC. OUT5 has a weak leakage to VCC when
OUT5 is more than 0.5V above VCC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES
Adapter Present Quiescent
Current
IDCIN + ICSSP + ICSSN,
ON3 = ON5 = SKIP = VCC,
VOUT3 = 3.5V, VOUT5 = 5.3V
Charging
enabled
3
6
mA
Charging
disabled
1.5
2.5
Adapter Absent Quiescent
Current
IDCIN + ICSSP + ICSSN,
ON3 = ON5 = SKIP = VCC,
VOUT3 = 3.5V, VOUT5 = 5.3V
VISET = 2.4V,
IINP ON
1.5
2.5
mA
VISET = GND
1.2
2.2
CSSN Input Current
VCSSP = VCSSN = 24V, TA = +25
°C
0.1
2
F
A
BATT + CSIP + CSIN + LXC
Input Current
VBATT = 16.8V, adapter absent, TA = +25
°C
4
F
A
VBATT = 2V to 19V, adapter present
200
650
DCIN Input Current
IDCIN
ON3 = ON5 = SKIP = VCC, charger
disabled; VOUT3 = 3.5V, VOUT5 = 5.3V
0.1
0.2
mA
DCIN Standby Supply Current
DCIN = 5V to 24V, ON3 = ON5 = GND
130
270
F
A
VCC Supply Current
ICC
ON3 = ON5 = SKIP = VCC, charger
disabled; VOUT3 = 3.5V, VOUT5 = 5.3V
1.0
1.5
mA
DCIN Input Voltage Range
Note: LDO5 is NOT guaranteed to be in
regulation until DCIN is above 6V.
4.5
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com