Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL5209M3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # PL5209M3
Description  Low Dropout CMOS Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL5209M3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL5209M3 Datasheet HTML 1Page - Cystech Electonics Corp. PL5209M3 Datasheet HTML 2Page - Cystech Electonics Corp. PL5209M3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C529M3
Issued Date : 2003.05.08
Revised Date :
. .
Page No. : 2/3
PL5209M3
CYStek Product Specification
Ordering Information
Device
Output Voltage
Package
PL5209-2.5 M3
2.5V
SOT-89
PL5209-3.3 M3
3.3V
SOT-89
PL5209-5.0 M3
5.0V
SOT-89
Electrical Characteristics @VIN=5V,Ta=25℃, unless otherwise noted
PL5209-2.5M3
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage
Io=40mA,Vin=4V
2.450
2.50
2.550
V
Line Regulation △Vout/△VinVout
Io=40mA,4V<Vin<10V
-
0.2
0.3
%/V
Load Regulation
Vin=4V,1mA<Io<80mA
-
45
90
mV
Current Consumption
Vin=4V
-
2.0
4.5
μ
A
Io=80mA
0.18
0.36
V
Dropout Voltage
Io=160mA
-
0.4
0.7
V
PL5209-3.3M3
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage
Io=40mA,Vin=4.3V
3.234
3.30
3.366
V
Line Regulation △Vout/△VinVout
Io=40mA,4.3V<Vin<10V
-
0.2
0.3
%/V
Load Regulation
Vin=6V,1mA<Io<80mA
-
45
90
mV
Current Consumption
Vin=4.3V
-
1.0
2.9
μ
A
Io=80mA
0.18
0.36
V
Dropout Voltage
Io=160mA
-
0.4
0.7
V
PL5209-5.0M3
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage
Io=40mA,Vin=6.0V
4.900
5.000
5.100
V
Line Regulation △Vout/△VinVout
Io=40mA,6.0V<Vin<10V
-
0.2
0.3
%/V
Load Regulation
Vin=6V,1mA<Io<100mA
-
40
80
mV
Current Consumption
Vin=6.0V
-
2.0
4.5
μ
A
Dropout Voltage
Io=100mA
IO=200mA
-
0.12
0.38
0.3
0.6
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com