Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBSP Datasheet(PDF) 1 Page - Lumberg

Part # MBSP
Description  Minimodul??Steckverbinder, Raster 2,5 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MBSP Datasheet(HTML) 1 Page - Lumberg

  MBSP Datasheet HTML 1Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kodierstück für Minimodul™-Buchsenleisten 2,5 MB..., ein-
setzbar anstelle einer Kontaktfeder
1. Temperaturbereich
-40 °C/+100 °C
2. Werkstoff
PC, V0 nach UL 94
MBSP
Keying insert for Minimodul™ socket boards 2,5 MB...,
insertable instead of a contact spring
1. Teperature range
-40 °C/+100 °C
2. Material
PC, V0 according to UL 94
MBSP
Insert de codage pour réglettes à prises femelles Mini-
modul™ 2,5 MB..., insérable à la place d’un ressort de
contact
1. Températur d’utilisation
-40 °C/+100 °C
2. Materiau
PC, V0 suivant UL 94
MBSP
Bestellbezeichnung
Verpackungseinheit
Designation
Package unit
Désignation
Unité d’emballage
MBSP
100
Minimodul™-Steckverbinder, Raster 2,5 mm
Minimodul™ connectors, pitch 2.5 mm
Connecteurs Minimodul™, pas 2,5 mm
Verpackung: lose im Karton
Packaging: in bulk, in a cardboard box
Emballage: en vrac, dans un carton
www.lumberg.com
11/2009


Similar Part No. - MBSP

ManufacturerPart #DatasheetDescription
logo
Lumberg
MBSP LUMBERG-MBSP Datasheet
156Kb / 3P
Minimodul connectors, pitch 2.5 mm
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
Battery Backup System
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
BATTERY BACKUP SYSTEM
logo
Lumberg
MBSP LUMBERG-MBSP_18 Datasheet
156Kb / 3P
Minimodul connectors, pitch 2.5 mm
More results

Similar Description - MBSP

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MB LUMBERG-2.5MB Datasheet
101Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MS LUMBERG-2.5MS Datasheet
71Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF LUMBERG-2.5MSF Datasheet
108Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFD LUMBERG-2.5MSFD Datasheet
99Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
2.5MSFW-O LUMBERG-2.5MSFW-O Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3111L LUMBERG-3111L Datasheet
127Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com