Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICS Datasheet(PDF) 1 Page - Lumberg

Part # MICS
Description  Micromodul??Steckverbinder, Raster 1,27 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MICS Datasheet(HTML) 1 Page - Lumberg

  MICS Datasheet HTML 1Page - Lumberg MICS Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Micromodul™-Messerleiste, stehend
MICS: mit Haltekrallen, Lötkontakte doppelreihig versetzt
MICS-D: ohne Haltekrallen, Lötkontakte doppelreihig parallel
1. Temperaturbereich
-40 °C/+105 °C
2. Werkstoffe
Kontaktträger
PA GF
Kontaktmesser
CuZn, unternickelt und verzinnt,
vergoldet auf Anfrage
3. Mechanische Daten
Ausdrückkraft Kontaktmesser aus
Kontaktträger
≥ 7 N
Kontaktierung mit
Steckverbinder MICA
4. Elektrische Daten
Bemessungsstrom
1,2 A
Bemessungsspannung1
32 V AC
Prüfspannung
750 V/60 s
Isolationswiderstand
> 1 G
Ω
1
nach DIN EN 60664/IEC 60664
MICS
MICS-D
MICS
MICS
MICS-D
MICS-D
*b
*f
*e
*g
*g
Reg.-Nr. B584
®
Reg.-Nr. B584
®
www.lumberg.com
11/2009
Micromodul™-Steckverbinder, Raster 1,27 mm
Micromodul™ connectors, pitch 1.27 mm
Connecteurs Micromodul™, pas 1,27 mm


Similar Part No. - MICS

ManufacturerPart #DatasheetDescription
logo
Lumberg
MICS LUMBERG-MICS Datasheet
788Kb / 2P
Micro modul-Messerleiste, stehend
MICS LUMBERG-MICS Datasheet
453Kb / 4P
Micromodul connectors, pitch 1.27 mm
logo
List of Unclassifed Man...
MICS-2610 ETC2-MICS-2610 Datasheet
91Kb / 4P
O3 Gas Sensor
logo
SGX Sensortech
MICS-2714 SGX-MICS-2714 Datasheet
389Kb / 5P
The MiCS-2714 is a compact MOS sensor.
rev 6
logo
List of Unclassifed Man...
MICS-4514 ETC1-MICS-4514 Datasheet
473Kb / 5P
The MiCS-4514 is a compact MOS sensor with two fully independent sensing elements on one package.
More results

Similar Description - MICS

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSF-O LUMBERG-2.5MSF-O Datasheet
105Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3853 LUMBERG-3853 Datasheet
94Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
302299 LUMBERG-302299 Datasheet
101Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
MICA LUMBERG-MICA Datasheet
90Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
MICAL LUMBERG-MICAL Datasheet
103Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
MICS-SMD LUMBERG-MICS-SMD Datasheet
125Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
MICSW LUMBERG-MICSW Datasheet
80Kb / 2P
Micromodul??Steckverbinder, Raster 1,27 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com