Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-6521 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-6521
Description  Industrial Ethernet Switches with 4 x 10/100Base-TX Ports & 1 x 100Base-FX Fiber Optic Port
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6521 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6521 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
www.advantech.com/products
Online Download
Provides 4 x 10/100 Mbps Ethernet ports with RJ-45 connector
Provides 1 x 100 Mbps multi/single-mode fiber port with SC/ST connector
Supports full/half duplex flow control
Supports Integrated Loop-up engine
Supports MDI/MDI-X auto crossover
Provides broadcast storm protection
Supports +10 ~ 30 VDC voltage power input
Provides surge (EFT) protection 3,000 VDC for power line
Supports 4,000 VDC Ethernet ESD protection
Provides flexible mounting: DIN-rail, Wall, Stack
Supports operating temperatures from -10 ~ 65° C
ADAM-6521 Series
Specifications
Communications
Standard
IEEE 802.3, 802.3u, 802.3x
LAN
10/100Base-T, 100Base-FX
Transmission Distance Ethernet : Up to 100 m
Multi-mode Fiber : Up to 2 km
(ADAM-6521, ADAM-6521/ST)
Single-mode Fiber : Up to 15 km (ADAM-6521S)
Transmission Speed
Up to 100 Mbps
Interface
Connectors
4 x RJ-45, 1 x SC type fiber connector (ADAM-6521,
ADAM-6521S) or 1 x ST type fiber connector
(ADAM-6521/ST)
2-pin removable screw terminal (power)
LED Indicators
Power, Link (100Base-FX), 100/10M (Ethernet)
Power
Power Consumption
ADAM-6521, ADAM-6521/ST: Max. 3 W
ADAM-6521S: Max. 4 W
Power Input
1 x Unregulated 10 ~ 30 VDC
Mechanism
Dimensions (W x H x D) 70 x 112 x 27 mm
Enclosure
IP30, ABS+PC with solid mounting kits
Mounting
DIN 35 rail, Wall, Stack
Protection
ESD (Ethernet)
4,000 VDC
Surge (EFT for power) 3,000 VDC
Environment
Operating Temperature -10 ~ 65° C (14 ~ 149° F)
stack : -10 ~ 60° C (14 ~ 140° F)
Storage Temperature
-20 ~ 80° C (-4 ~ 176° F)
Operating Humidity
20 ~ 95% (non-condensing)
Storage Humidity
0 ~ 95% (non-condensing)
MTBF
1,150,000 hrs
Certifications
Safety
UL 60950-1, CAN/CSA-C22.2 No.60950
EMC
U.S.A.: FCC Part 15 CISPR 22
EU: EN55011, EN61000-6-4
EN55022 Class A,
EN61000-3-2/3,
EN55024,
IEC61000-4-2/3/4/5/6/8/11
EN61000-6-2
Ordering Information
ADAM-6521
Industrial Ethernet Switch with 4 x 10/100Base-TX
Ports & 1 Multi-mode SC Type Fiber Optic Port
ADAM-6521/ST
Industrial Ethernet Switch with 4 x 10/100Base-TX
Ports & 1 Multi-mode ST Type Fiber Optic Port
ADAM-6521S
Industrial Ethernet Switch with 4 x 10/100Base-TX
Ports & 1 Single-mode SC Type Fiber Optic Port
Industrial Ethernet
Switches with 4 x
10/100Base-TX Ports
& 1 x 100Base-FX
Fiber Optic Port
Introduction
ADAM-6521 and ADAM-6521S are industrial-grade Ethernet switch with a fiber optic port that makes it possible to expand industrial networks fast and cost-effectively. ADAM-6521
and ADAM-6521S of 1 fiber port and 4-RJ-45 ports. With fiber optics, you can prevent noise interfering with your system and implement transmission distances up to 15 km.
ADAM-6521 and ADAM-6521S are especially suited for industrial environments with Ethernet networking needs such as: semi-conductor factories, inventory control environments,
assembly line and production and more.
ADAM-6521 and ADAM-6521S support a wide voltage range of +10 ~ 30 VDC over the terminal block, and 3,000 VDC surge (EFT) protection to protect it from being damaged by
over-voltage. A wide operating temperature range from -10 to 65° C (14 ~ 149° F), makes it functional in harsh operating environments. They also have six inclusive LED indicators
which make troubleshooting the ADAM-6521 and ADAM-6521S easier. Each port has a pair of LEDs that indicate link status and transmission speed. This function conveniently
informs users of any collisions, the link status, power failure and data receipts for immediate on-site diagnostics.
ADAM-6521
ADAM-6521/ST


Similar Part No. - ADAM-6521

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6521-BE ADVANTECH-ADAM-6521-BE Datasheet
72Kb / 1P
Industrial Ethernet Switches with 4 x 10/100Base-TX Ports & 1 x 100Base-FX Fiber Optic Port
More results

Similar Description - ADAM-6521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
100Base-TX/FX Converter
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
10/100BASE-TX to 100BASE-FX MMF ST Converter,
logo
Axiomtek Co., Ltd.
EL1032T AXIOMTEK-EL1032T Datasheet
330Kb / 4P
Industrial 10/100BASE-TX to 100BASE-FX Media Converter with PoE/PSE
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Advantech Co., Ltd.
ADAM-6521-BE ADVANTECH-ADAM-6521-BE Datasheet
72Kb / 1P
Industrial Ethernet Switches with 4 x 10/100Base-TX Ports & 1 x 100Base-FX Fiber Optic Port
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
10/100BASE-TX/FX Mini Transceiver
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
logo
WAGO Kontakttechnik Gmb...
852-103 WAGO-852-103 Datasheet
255Kb / 7P
Industrial-Switch; 8-port 100Base-TX; 2 Slots 100Base-FX; black
852-103-040-000 WAGO-852-103-040-000 Datasheet
287Kb / 7P
Industrial-Switch; 8-port 100Base-TX; 2 Slots 100Base-FX; Extended
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com