Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS16
Description  225mW SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS16 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS16_09 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS16_09 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16
225mW SMD Switching Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOT- 23 small outline plastic package
1.50
1.70
0.059
0.067
3.55
3.85
0.140
0.152
0.45
0.65
0.018
0.026
2.60
2.80
0.102
0.11
1.05
1.25
0.041
0.049
0.08
0.15
0.003
0.006
Package
SOT-23
Maximum Ratings
Electrical Characteristics
Reverse Breakdown Voltage
IR=
100μA
IF=
1.0mA
IF=
10mA
IF=
50mA
IF=
150mA
Reverse Leakage Current
VR=
75V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time (Note 2)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Reverse Recovery Test Conditions: IF=10mA, IR=10mA, RL=100Ω, IRR=1mA
Type Number
Symbol
Low power loss, high current capability, low VF
V(BR)
Repetitive Peak Reverse Voltage
BAS116 RF
3Kpcs/7" Reel
Ordering Information
SOT-23
PD
mW
150
225
V
mA
75
Units
F
Unit (inch)
Dimensions
B
Value
Maximum Ratings and Electrical Characteristics
Part No.
Packing
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
C
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Mean Forward Current
Io
D
E
G
Rating at 25°C ambient temperature unless otherwise specified.
0.50 REF
0.02 REF
High temperature soldering guaranteed: 260°C/10s
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient) (Note 1)
RθJA
TJ, TSTG
Non-Repetitive Peak Forward Surge Current @ t= 0.001s
IFSM
VRRM
Weight : 0.008gram (approximately)
Power Dissipation
A
°C/W
Units
Forward Voltage
VF
Symbol
Type Number
V
-
Trr
IR
CJ
°C
-65 to + 150
uA
pF
ns
A
Min
Max
2
375
Unit (mm)
75
-
-
-
6.0
-
0.715
0.855
1.0
V
1.25
1
2.0
B
A
C
D
G
F
E
Version : B09


Similar Part No. - BAS16_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16 DIODES-BAS16_09 Datasheet
103Kb / 4P
SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 22 - 2
logo
Pan Jit International I...
BAS16 PANJIT-BAS16_09 Datasheet
204Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Infineon Technologies A...
BAS16 INFINEON-BAS16_09 Datasheet
1,015Kb / 21P
Silicon Switching Diode
2009-09-28
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16_09 Datasheet
124Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
More results

Similar Description - BAS16_09

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
225mW, SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com