Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS40
Description  200mW, Low VF, SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS40 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS40 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS40 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40 / -04 / -05 / -06
200mW, Low VF, SMD Schottky Barrier Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOT 23 small outline plastic package
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.043
Maximum Ratings
Electrical Characteristics
IR=
10μA
IF=
1mA
IF=
10mA
IF=
40mA
Reverse Leakage Current
VR=
30V
Junction Capacitance
Notes:1. Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load (JEDEC Method)
Notes:2. Valid provided that electrodes are kept at ambient temperature
ns
Dimensions
A
Unit (inch)
0.022 REF
0.550 REF
0.38
0.2
-
-
Reverse Recovery Time IF=IR=10mA, RL=100Ω, IRR=1mA
Trr
5.0
-
Symbol
pF
VR=1V,
f=1.0MHz
CJ
IR
μA
-
1.00
Reverse Breakdown Voltage
Type Number
mA
Mean Forward Current
IO
mA
200
357
V(BR)
40
-
Units
5
mW
40
200
Max
Min
200
40
-65 to + 125
Symbol
Type Number
Repetitive Peak Forward Current
IFRM
Reverse Voltage
Repetitive Peak Reverse Voltage
VRRM
VR
PD
Junction and Storage Temperature Range
TJ, TSTG
IFSM
Thermal Resistance (Junction to Ambient)
(Note 2)
RθJA
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260°C/10s
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Metal-on-silicon Shcottky Barrier
Weight : 0.008gram (approximately)
G
B
C
Unit (mm)
D
E
F
Forward Voltage
VF
Rating at 25°C ambient temperature unless otherwise specified.
Power Dissipation
-V
Units
-
0.50
Non-Repetitive Peak Forward Surge Current (Note 1)
V
Maximum Ratings and Electrical Characteristics
Value
°C
V
V
°C/W
0.6
A
BAS40
BAS40-06
BAS40-05
BAS40-04
B
A
C
D
G
F
E
Version : C09


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0530WS TSC-B0530WS Datasheet
82Kb / 2P
200mW, Low VF SMD Schottky Barrier Diode
B0530WS_1005 TSC-B0530WS_1005 Datasheet
171Kb / 3P
200mW, Low VF SMD Schottky Barrier Diode
BAS40 TSC-BAS40_11 Datasheet
213Kb / 2P
200mW, Low VF, SMD Schottky Barrier Diode
RB520S-30 TSC-RB520S-30 Datasheet
295Kb / 3P
200mW, Low VF SMD Schottky Barrier Diode
RB521S-30 TSC-RB521S-30 Datasheet
291Kb / 3P
200mW, Low VF SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS Datasheet
155Kb / 3P
200mW, Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40 Datasheet
242Kb / 3P
200mW, Low VF SMD Schottky Barrier Diode
B0530WS TSC-B0530WS_14 Datasheet
99Kb / 5P
200mW, Low VF SMD Schottky Barrier Diode
RB520S-30 TSC-RB520S-30_14 Datasheet
138Kb / 5P
200mW, Low VF SMD Schottky Barrier Diode
RB521S-30 TSC-RB521S-30_14 Datasheet
203Kb / 5P
200mW, Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com