Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19
Description  High Voltage Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV19 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV19/BAV20/BAV21
High Voltage Surface Mount Switching Diode
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
DO-35
Features
Fast switching speed
General purpose rectification
Silicon epitaxial planar construction
Mechanical Data
Case: DO-35
Leads:Solderableper MIL-STD-202,
Method 208
Polarity: Cathode band
Marking: Type number
Weight: 0.13 grams (approx.)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
BAV19
BAV20
BAV21
Units
Non-Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Peak Repetitive Reverse Voltage Working Peak
Reverse Voltage DC Blocking Voltage
VR
100
150
200
V
Rectifier Current (Average) Half Wave
Rectification with Resist Load at Tamb=25
OC and
f > 50Hz
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@ t=1.0s and Tj=25
oC
IFSM
1000
mA
Power Dissipation (Note 1)at Tamb = 25
OC
Ptot
300
mW
Thermal Resistance Junction to Ambient Air
RθJA
0.35
K/mW
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Forward Voltage
@ IF=100mA
VF
-
1.0
V
Peak Reverse Current
BAV19 @ VR=100V
BAV20 @ VR=150V
BAV21 @ VR=200V
IR
-
0.1
0.1
0.1
uA
uA
uA
Capacitance
VR=0, f=1.0MHz
Ctot
-
1.5
pF
Reverse Recovery Time (Note 1)
trr
-
75
nS
Note: 1. Reverse Recovery Test Conditions: IF=10mA to IRR=1.0mA VR=6.0V, RL=100Ω
Version: A07


Similar Part No. - BAV19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
General Purpose Diodes
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV19 GE-BAV19 Datasheet
142Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV19 DIOTEC-BAV19 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results

Similar Description - BAV19

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com