Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV70
Description  225mW SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV70 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAW56, BAV70, BAV99
225mW SMD Switching Diode
Small Signal Diode
Rating and Sharacteristic Curves
Version : D09
FIG 2 Typical Reverse Characteristics
TA=25oC
TA=55oC
TA=85oC
TA=125oC
TA=150oC
0.001
0.01
0.1
1
10
0
1020
304050
Reverse Voltage (V)
FIG 3 Peak Pulse Current vs Pulse duration
F=1MHz
Tj =25oC
0.6
0.7
0.8
0.9
1
02468
Reverse Voltage (V)
FIG 1 Typical Forward Characteristics
TA=85oC
TA=25oC
TA=-40oC
0.1
1
10
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Instantaneous Forward Voltage (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com