Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBS101G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DBS101G
Description  Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBS101G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DBS101G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBS101G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Sharacteristic Curves (DBS101G Thru DBS107G)
FIG 1 Maximum Derating Curve for Output Rectified Current
60Hz
Resistive or
Inductive load
0
0.25
0.5
0.75
1
1.25
1.5
0
20
40
60
80
100
120
140
160
Ambient Temperature (
oC)
FIG 3 Typical Reverse Characteristics per Leg
Ta=25
oC
Ta=125
oC
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Volatge (V)
FIG 2 Maximum Non-Repetitive Peak Forward Surge
Current
Signle Sine-
Wave(JEDE
C Method)
0
10
20
30
40
50
60
1
10
100
Number of cycles at 60 Hz
FIG 4 Typical Forward Characteristics per Bridge
Element
Tj=25
oC
Pulse width-
300uS
2% Duty
Cycke
0.01
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Forward Voltage (V)
FIG 5 Typical Junction Capacitance
Tj=25
oC
f=1MHz
Vsig= 50mVp-
p
1
10
100
1
10
100
Reverse Voltage (V)
2 of 2
Version : D09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com