Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3TGL1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3TGL1
Description  150mW Bi-directional Trigger Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3TGL1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LLDB3TGL1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3TGL1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLDB3-LLDB3TG
150mW Bi-directional Trigger Diode
Small Signal Diode
MINI-MELF (LL34)
HERMETICALLY SEALED GLASS
Hermetically Sealed Glass.
All external suface are corrosion resistant and
terminals are readily solderable.
Min
Max
Min
Max
Case :MINI-MELF hermetically sealedglass
3.30
3.70
0.130 0.146
1.40
1.60
0.055 0.063
0.25
0.40
0.010 0.016
1.25
1.40
0.049 0.055
Package
MINI-MELF
Maximum Ratings
Electrical Characteristics
Break-over Voltage
C=
22nF
Break-over Voltage Symmetry
C=
22nF
Break-over Current
C=
22nF
VR=
0.5V
Junction Capacitance
VR=0, f=1.0MHz
Output Voltage
Reverse Recovery Time
(Note2)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Test Condition : IF=0.5A, RL=100Ω
32
Part No.
2.5Kpcs / 7" Reel
V
VBO
°C/W
RθJA
°C
TJ, TSTG
Units
V
D
32
A
Rating at 25°C ambient temperature unless otherwise specified.
Units
PD
mW
Type Number
Ordering Information
Junction and Storage Temperature Range
LLDB3TG
-40 to + 125
Type Number
Symbol
μs
100
CJ
22.0
V
5
15
nA
nF
μA
Trr
+ / -VBO
+ / - 2
IBO
1.5
VO
+ / - 3
2
Power Dissipation
Symbol
LLDB3/LLDB3TG L1
IFRM
Features
Mechanical Data
Terminal: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Designed for through-Hole Device Type Mounting.
B
Dimensions
A
C
High reliability glass passivation insuring parameter
stability and protection against junction contamination.
Maximum Ratings and Electrical Characteristics
Unit (inch)
Value
Pb free version and RoHS compliant
Polarity : Indicated by cathode band
Weight : 29 ± 2.5 mg
Packing
High temperature soldering guaranteed: 270°C/10s
150
Maxiumn Leakage Current
IR
10
Repetitive Peak Forward Current
Pulse Width=
20μsec
LLDB3
400
Thermal Resistance (Junction to Ambient) (Note 1)
C
B
A
D
Version : B09


Similar Part No. - LLDB3TGL1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLDB3TGL1 TSC-LLDB3TGL1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
More results

Similar Description - LLDB3TGL1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DB-3 LRC-DB-3 Datasheet
55Kb / 4P
Bi-directional trigger diodes
logo
Taiwan Semiconductor Co...
DB3 TSC-DB3 Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
TESDE5V0 TSC-TESDE5V0_09 Datasheet
85Kb / 2P
150mW,Bi-directional ESD Protection Diode
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
150mW Bi-directional Trigger Diodes
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3_10 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
DB3 TSC-DB3_10 Datasheet
221Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_14 Datasheet
171Kb / 5P
150mW Bi-directional Trigger Diode
logo
SHIKUES Electronics
LLDB3 SKTECHNOLGY-LLDB3 Datasheet
600Kb / 3P
150mW Bi-directional Trigger Diode
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com