Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4148 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LS4148
Description  500mW High Speed SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LS4148 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LS4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LS4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LS4148/LS4448/LS914B
500mW High Speed SMD Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : QUADRO Mini-MELF Package (JEDEC DO-213)
3.30
3.70
0.130 0.146
High temperature soldering guaranteed : 270°C/10s
1.40
1.60
0.055 0.063
0.25
0.40
0.010 0.016
1.25
1.40
0.049 0.055
2.5Kpcs / 7" Reel
Maximum Ratings
Electrical Characteristics
IR=100uA
IR=5uA
Forward Voltage
LS4448, LS914B
IF=5.0mA
LS4148
IF=10.0mA
LS4448, LS914B
IF=100.0mA
VR=20V
VR=75V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time (Note 2)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Reverse Recovery Test Conditions: IF=IR=10mA, RL=100Ω, IRR=1mA
LSxxxx L1
LSxxxx L0
Package
QUADRO Mini-MELF
QUADRO Mini-MELF
Packing
10Kpcs / 13" Reel
mW
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Units
PD
Part No.
0.071
Ordering Information
Junction and Storage Temperature Range
Mean Forward Current
IFM
IO
TJ, TSTG
RθJA
Non-Repetitive Peak Forward Current
Thermal Resistance (Junction to Ambient) (Note 1)
°C
-65 to + 200
450
150
°C/W
300
V
V
mA
mA
μA
CJ
Type Number
Symbol
75
100
Reverse Breakdown Voltage
0.72
Trr
ns
1.0
1.0
25
-
4.0
-
Units
-
Reverse Leakage Current
V
VF
IR
V(BR)
-
-
-
Min
Max
nA
V
pF
0.62
-
-
5.0
4.0
Symbol
Weight : 29 ± 2.5 mg
75
D
E
1.80
VRRM
Repetitive Peak Reverse Voltage
500
100
Power Dissipation
Non-Repetitive Peak Reverse Voltage
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Unit (mm)
Unit (inch)
Dimensions
A
B
C
QUADRO Mini-MELF (LS34)
Polarity : Indicated by cathode band
Peak Forward Surge Current
IFSM
2A
HERMETICALLY SEALED GLASS
All External Surfaces are Corrosion Resistant and
Leads are Readily Solderable
Value
VRSM
C
B
A
D
E
Version : C09


Similar Part No. - LS4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4148 VISHAY-LS4148 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Rectron Semiconductor
LS4148 RECTRON-LS4148 Datasheet
16Kb / 1P
1N4148 Quadro MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
LS4148 JGD-LS4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Semtech Corporation
LS4148 SEMTECH-LS4148 Datasheet
99Kb / 2P
Silicon Expitaxial Planar Diode?
logo
Diodes Incorporated
LS4148 DIODES-LS4148 Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30003 Rev. A-2
More results

Similar Description - LS4148

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_15 Datasheet
221Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
500mW High Speed SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com